Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GHB-PLCC-CW2 Fiches technique(PDF) 2 Page - Gilway Technical Lamp

No de pièce GHB-PLCC-CW2
Description  This family of SMT LEDs is packaged in the industry standard PLCC-2 package.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GILWAY [Gilway Technical Lamp]
Site Internet  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-PLCC-CW2 Fiches technique(HTML) 2 Page - Gilway Technical Lamp

  GHB-PLCC-CW2 Datasheet HTML 1Page - Gilway Technical Lamp GHB-PLCC-CW2 Datasheet HTML 2Page - Gilway Technical Lamp GHB-PLCC-CW2 Datasheet HTML 3Page - Gilway Technical Lamp GHB-PLCC-CW2 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Device Selection Guide
Color
Part Number
Min. I v @ 20 mA
Typical Iv @ 20 mA
White
GHB-PLCC-CW2
100
300
Note:
1. The luminous intensity I v, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
Absolute Maximum Ratings at T A = 25ûC
Parameters
InGaN
DC Forward Current [1]
30 mA
Peak Forward Current [2]
90 mA
Power Dissipation
114 W
Reverse Voltage
5 V
Junction Temperature
110ûC
Operating Temperature
Ð55ûC to +100ûC
Storage Temperature
Ð55ûC to +100ûC
Notes:
1. Derate linearly as shown in Figure 5.
2. Duty factor = 10%, frequency = 1 kHz.
Electrical Characteristics at T A = 25ûC
Forward Voltage, V (Volts) @ I = 20 mA
Reverse Voltage, V @ 10m
FF
R
A
Thermal Resistance
Color
Typ.
Max.
Min.
R qJP (°C/W)
White
3.5
4.3
5
280


Numéro de pièce similaire - GHB-PLCC-CW2

FabricantNo de pièceFiches techniqueDescription
logo
Gilway Technical Lamp
GHB-PLCC-CW GILWAY-GHB-PLCC-CW Datasheet
142Kb / 4P
   3.5x2.8mm SURFACE MOUNT LED LAMP
GHB-PLCC-CW3 GILWAY-GHB-PLCC-CW3 Datasheet
4Mb / 3P
   GHB-PLCC-CW3
More results

Description similaire - GHB-PLCC-CW2

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
   Industry Standard PLCC SMT package
UYGT801-S SEOUL-UYGT801-S Datasheet
335Kb / 13P
   Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
   Industry Standard PLCC SMT package
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
   Industry Standard PLCC SMT package
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
   Industry Standard PLCC SMT package Available in multiple colors
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
List of Unclassifed Man...
PLB124050 ETC2-PLB124050 Datasheet
361Kb / 10P
   Industry standard 3020 in PLCC-2
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
   Industry standard PLCC-2
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Seoul Semiconductor
SPW08F0Z SEOUL-SPW08F0Z Datasheet
940Kb / 25P
   Industry Standard SMT package
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com