Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFG2816Q1M-DEB Fiches technique(PDF) 6 Page - Samsung semiconductor

No de pièce KFG2816Q1M-DEB
Description  OneNAND SPECIFICATION
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG2816Q1M-DEB Fiches technique(HTML) 6 Page - Samsung semiconductor

Back Button KFG2816Q1M-DEB Datasheet HTML 2Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 3Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 4Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 5Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 6Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 7Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 8Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 9Page - Samsung semiconductor KFG2816Q1M-DEB Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
OneNAND128
FLASH MEMORY
6
3. PIN DESCRIPTION
NOTE:
Do not leave power supply(VCC, VSS) disconnected.
Pin Name
Type
Nameand Description
Host Interface
A15~A0
I
Address Inputs
- Inputs for addresses during operation, which are for addressing
BufferRAM & Register.
DQ15~DQ0
I/O
Data Inputs/Outputs
- Inputs data during program and commands during all operations, outputs data during memory array/
register read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are disabled.
INT
O
Interrupt
Notifying Host when a command has completed. It is open drain output with internal resistor(~50kohms).
After power-up, it is at hi-z condition. Once IOBE is set to 1, it does not float to hi-z condition even when
the chip is deselected or when outputs are disabled.
RDY
O
Ready
Indicates data valid in synchronous read modes and is activated while CE is low
CLK
I
Clock
CLK synchronizes the device to the system bus frequency in synchronous read mode.
The first rising edge of CLK in conjunction with AVD low latches address input.
WE
I
Write Enable
WE controls writes to the bufferRAM and registers. Datas are latched on the WE pulse’s rising edge
AVD
I
Address Valid Detect
Indicates valid address presence on address inputs. During asynchronous read operation, all addresses
are latched on AVD’s rising edge, and during synchronous read operation, all addresses are latched on
CLK’s rising edge while AVD is held low for one clock cycle.
> Low : for asynchronous mode, indicates valid address ;for burst mode,
causes starting address to be latched on rising edge on CLK
> High : device ignores address inputs
RP
I
Reset Pin
When low, RP resets internal operation of OneNAND. RP status is don’t care during power-up
and bootloading.
CE
I
Chip Enable
CE-low activates internal control logic, and CE-high deselects the device, places it in standby state,
and places ADD and DQ in Hi-Z
OE
I
Output Enable
OE-low enables the device’s output data buffers during a read cycle.
Power Supply
VCC-Core/Vcc
Power for OneNAND Core
This is the power supply for OneNAND Core.
VCC-IO/Vccq
Power for OneNAND I/O
This is the power supply for OneNAND I/O
Vcc-IO is internally connected to Vcc-Core, thus should be connected to the same power supply.
VSS
Ground for OneNAND
etc.
DNU
Do Not Use
Leave it disconnected. These pins are used for testing.
NC
No Connection
Lead is not internally connected.


Numéro de pièce similaire - KFG2816Q1M-DEB

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KFG2G1612M-DEB5 SAMSUNG-KFG2G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G1612M-DED5 SAMSUNG-KFG2G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB5 SAMSUNG-KFG2G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DEB6 SAMSUNG-KFG2G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFG2G16D2M-DED5 SAMSUNG-KFG2G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Description similaire - KFG2816Q1M-DEB

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KFG5616Q1A-DEB5 SAMSUNG-KFG5616Q1A-DEB5 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
KFG5616Q1A-DEB6 SAMSUNG-KFG5616Q1A-DEB6 Datasheet
1Mb / 113P
   OneNAND Specification FLASH MEMORY
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com