Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT3904WT1 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MMBT3904WT1
Description  GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3904WT1 Fiches technique(HTML) 2 Page - ON Semiconductor

  MMBT3904WT1 Datasheet HTML 1Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 2Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 3Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 4Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 5Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 6Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 7Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 8Page - ON Semiconductor MMBT3904WT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NPN MMBT3904WT1 PNP MMBT3906WT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
MMBT3904WT1
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
MMBT3906WT1
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –100 mAdc, VCE = –1.0 Vdc)
hFE
40
70
100
60
30
60
80
100
60
30
300
300
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc)
MMBT3906WT1
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
0.2
0.3
–0.25
–0.4
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
MMBT3904WT1
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc)
MMBT3906WT1
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
0.65
–0.65
0.85
0.95
–0.85
–0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
MMBT3904WT1
(IC = –10 mAdc, VCE = –20 Vdc, f = 100 MHz)
MMBT3906WT1
fT
300
250
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3904WT1
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
MMBT3906WT1
Cobo
4.0
4.5
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3904WT1
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT3906WT1
Cibo
8.0
10.0
pF
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hie
1.0
2.0
10
12
k
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hre
0.5
0.1
8.0
10
X 10–4
Small – Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hfe
100
100
400
400
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
MMBT3904WT1
(VCE = –10 Vdc, IC = –1.0 mAdc, f = 1.0 kHz)
MMBT3906WT1
hoe
1.0
3.0
40
60
mmhos
Noise Figure
(VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k Ω, f = 1.0 kHz)
MMBT3904WT1
(VCE = –5.0 Vdc, IC = –100 mAdc, RS = 1.0 k Ω, f = 1.0 kHz)
MMBT3906WT1
NF
5.0
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = – 0.5 Vdc)
MMBT3904WT1
(VCC = –3.0 Vdc, VBE = 0.5 Vdc)
MMBT3906WT1
td
35
35
ns
Rise Time
(IC = 10 mAdc, IB1 = 1.0 mAdc)
MMBT3904WT1
(IC = –10 mAdc, IB1 = –1.0 mAdc)
MMBT3906WT1
tr
35
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc)
MMBT3904WT1
(VCC = –3.0 Vdc, IC = –10 mAdc)
MMBT3906WT1
ts
200
225
ns
Fall Time
(IB1 = IB2 = 1.0 mAdc)
MMBT3904WT1
(IB1 = IB2 = –1.0 mAdc)
MMBT3906WT1
tf
50
75
ns
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn