Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD352LT1 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MMBD352LT1
Description  Dual Hot Carrier Mixer Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD352LT1 Fiches technique(HTML) 1 Page - ON Semiconductor

  MMBD352LT1 Datasheet HTML 1Page - ON Semiconductor MMBD352LT1 Datasheet HTML 2Page - ON Semiconductor MMBD352LT1 Datasheet HTML 3Page - ON Semiconductor MMBD352LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual Hot Carrier Mixer Diodes
These devices are designed primarily for UHF mixer applications
but are suitable also for use in detector and ultra–fast switching
circuits.
Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
Low Forward Voltage — 0.5 Volts (Typ) @ IF = 10 mA
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
7.0
VCC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBD352LT1 = M5G; MMBD353LT1 = M4F; MMBD354LT1 = M6H; MMBD355LT1 = MJ1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Forward Voltage
(IF = 10 mAdc)
VF
0.60
V
Reverse Voltage Leakage Current (Note 3.)
(VR = 3.0 V)
(VR = 7.0 V)
IR
0.25
10
mA
Capacitance
(VR = 0 V, f = 1.0 MHz)
C
1.0
pF
1. FR–5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
3. For each individual diode while the second diode is unbiased.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 4
1
Publication Order Number:
MMBD352LT1/D
MMBD352LT1
MMBD353LT1
MMBD354LT1
MMBD355LT1
1
2
3
MMBD352LT1
CASE 318–08, STYLE 11
SOT–23 (TO–236AB)
1
ANODE
3
CATHODE/ANODE
2
CATHODE
MMBD353LT1
CASE 318–08, STYLE 19
SOT–23 (TO–236AB)
1
CATHODE
3
CATHODE/ANODE
2
ANODE
MMBD354LT1
CASE 318–08, STYLE 9
SOT–23 (TO–236AB)
3
CATHODE
2
ANODE
ANODE
1
ANODE
3
CATHODE
1
2
CATHODE
MMBD355LT1
CASE 318–08, STYLE 12
SOT–23 (TO–236AB)


Numéro de pièce similaire - MMBD352LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1 Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
122Kb / 3P
   Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
More results

Description similaire - MMBD352LT1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
   Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
   Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
   Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
   Dual Hot Carrier Mixer Diodes
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com