Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79535-2DC Fiches technique(PDF) 10 Page - Advanced Micro Devices

No de pièce AM79535-2DC
Description  Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79535-2DC Fiches technique(HTML) 10 Page - Advanced Micro Devices

Back Button AM79535-2DC Datasheet HTML 6Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 7Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 8Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 9Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 10Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 11Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 12Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 13Page - Advanced Micro Devices AM79535-2DC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Am7953X Data Sheet
SWITCHING CHARACTERISTICS
Am79534/Am79535
Symbol
Parameter
Test Conditions
Temperature
Range
Min
Typ
Max
Unit
Note
tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
1.1
1.6
µs4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1)
Switchhook Detect state
RL =600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
1.2
1.7
3.8
4.0
tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0


Numéro de pièce similaire - AM79535-2DC

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79514 AMD-AM79514 Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79514-1JC AMD-AM79514-1JC Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79514-2JC AMD-AM79514-2JC Datasheet
786Kb / 18P
   Subscriber Line Interface Circuit
AM79574 AMD-AM79574 Datasheet
234Kb / 17P
   Subscriber Line Interface Circuit
AM79574-1JC AMD-AM79574-1JC Datasheet
234Kb / 17P
   Subscriber Line Interface Circuit
More results

Description similaire - AM79535-2DC

FabricantNo de pièceFiches techniqueDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com