Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS745-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS745-Q1
Description  TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS745-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS745-Q1_V06 Datasheet HTML 7Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 8Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 9Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 10Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 11Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 12Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 13Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 14Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Output Current (mA)
0
100
200
300
400
500
600
700
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TJ
-50qC
-40qC
-20qC
0qC
25qC
85qC
125qC
Time (ms)
0
0.5
1
1.5
2
0
-45
1
-40
2
-35
3
-30
4
-25
5
-20
6
-15
7
-10
8
-5
9
0
10
5
11
10
12
15
13
20
14
25
Vin
Vout
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
440
480
520
560
600
640
680
720
760
800
840
VEN(LO)
VEN(HI)
Input Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-50
0
50
100
150
200
250
300
TJ
±
q
C
±
q
C
±
q
C
0qC
125qC
85qC
125qC
150qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.8
4.82
4.84
4.86
4.88
4.9
4.92
4.94
4.96
tPGDH
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7
6.1
6.5
tPGDL
11
TPS745-Q1
www.ti.com
SBVS355A – JUNE 2019 – REVISED OCTOBER 2019
Product Folder Links: TPS745-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and
CIN = COUT = 1 µF (unless otherwise noted)
B version
Figure 25. tPGDH vs Temperature (For TPS746B Only)
Figure 26. tPGDL vs Temperature
Figure 27. VEN(HI) and VEN(LO) vs Temperature
VEN = 5.5 V
Figure 28. IEN vs VIN
Figure 29. 3.3-V VOUT vs IOUT
VOUT = 0.55 V, IOUT = 1 mA, VIN slew rate = 1 V/µs
Figure 30. 0.55-V Line Transient


Numéro de pièce similaire - TPS745-Q1_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Description similaire - TPS745-Q1_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com