Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS745-Q1 Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce TPS745-Q1
Description  TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS745-Q1 Fiches technique(HTML) 36 Page - Texas Instruments

Back Button TPS745-Q1_V06 Datasheet HTML 32Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 33Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 34Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 35Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 36Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 37Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 38Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 39Page - Texas Instruments TPS745-Q1_V06 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
NOTES: (continued)
4.
This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5.
Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4225036/A 06/2019
www.ti.com
VSON - 1 mm max height
DRB0008J
PLASTIC QUAD FLAT PACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SOLDER MASK DETAILS
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
0.07 MAX
ALL AROUND
EXPOSED METAL
METAL
SOLDER MASK
OPENING
0.07 MIN
ALL AROUND
EXPOSED METAL
SOLDER MASK
OPENING
METAL
(1.65)
(2.4)
(2.8)
(0.95)
(0.575)
8X (0.6)
8X (0.31)
6X (0.65)
(1.95)
1
9
4
5
8
(R0.05) TYP
(Ø 0.2) VIA
TYP
36
TPS745-Q1
SBVS355A – JUNE 2019 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TPS745-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated


Numéro de pièce similaire - TPS745-Q1_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
More results

Description similaire - TPS745-Q1_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS745-Q1 TI1-TPS745-Q1_V04 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V03 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1_V05 Datasheet
4Mb / 45P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI-TPS745-Q1_V07 Datasheet
4Mb / 44P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in Small Wettable Flank WSON Packages
TPS745-Q1 TI1-TPS745-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TPS746-Q1 TI1-TPS746-Q1_V01 Datasheet
3Mb / 41P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
TPS746-Q1 TI-TPS746-Q1_V04 Datasheet
4Mb / 44P
[Old version datasheet]   TPS746-Q1 1-A LDO With Power-Good in Small Wettable Flank WSON Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com