Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A20 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS7A20
Description  TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A20 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS7A20_V05 Datasheet HTML 1Page - Texas Instruments TPS7A20_V05 Datasheet HTML 2Page - Texas Instruments TPS7A20_V05 Datasheet HTML 3Page - Texas Instruments TPS7A20_V05 Datasheet HTML 4Page - Texas Instruments TPS7A20_V05 Datasheet HTML 5Page - Texas Instruments TPS7A20_V05 Datasheet HTML 6Page - Texas Instruments TPS7A20_V05 Datasheet HTML 7Page - Texas Instruments TPS7A20_V05 Datasheet HTML 8Page - Texas Instruments TPS7A20_V05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TPS7A20
www.ti.com
SBVS338A – MARCH 2020 – REVISED MARCH 2020
Product Folder Links: TPS7A20
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, and functional operation of the device at these or any other conditionsbeyond those indicated underRecommended Operating
Conditionsis not implied. Exposure to absolute-maximum-rated conditions forextended periods may affect device reliability.
(2)
Maximum is VIN + 0.3 V, or 6.0 V, whichever is smaller
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6.5
V
VOUT
–0.3
VIN + 0.3 or
6.0V(2)
VEN
–0.3
6.5
Current
Maximum output current
Internally limited
A
Temperatu
re
Operating junction temperature, TJ
-40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
Effective output capacitance of 0.5 µF minimum is required for stability
(2)
200 µF is the maximum derated capacitance that can be used for stability
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
1.6
6.0
V
VEN
Enable input voltage
0
6.0
V
VOUT
Output voltage
0.8
5.5
V
IOUT
Output current
0
300
mA
CIN
Input capacitor
1
µF
COUT
Output capacitor(1) (2)
1
200
µF
ESR
Output Capacitor
80
m
TJ
Operating junction temperature
–40
125
°C


Numéro de pièce similaire - TPS7A20_V05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A20 TI1-TPS7A20_V01 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V02 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V03 Datasheet
640Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results

Description similaire - TPS7A20_V05

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A20 TI-TPS7A20_V12 Datasheet
8Mb / 51P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
DECEMBER 2021
TPS7A20 TI-TPS7A20_V10 Datasheet
8Mb / 49P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V08 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V15 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V13 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI1-TPS7A20_V01 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V02 Datasheet
636Kb / 27P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com