Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A02 Fiches technique(PDF) 20 Page - Texas Instruments

No de pièce TPS7A02
Description  TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS7A02 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button TPS7A02_V06 Datasheet HTML 16Page - Texas Instruments TPS7A02_V06 Datasheet HTML 17Page - Texas Instruments TPS7A02_V06 Datasheet HTML 18Page - Texas Instruments TPS7A02_V06 Datasheet HTML 19Page - Texas Instruments TPS7A02_V06 Datasheet HTML 20Page - Texas Instruments TPS7A02_V06 Datasheet HTML 21Page - Texas Instruments TPS7A02_V06 Datasheet HTML 22Page - Texas Instruments TPS7A02_V06 Datasheet HTML 23Page - Texas Instruments TPS7A02_V06 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
VOUT(NOM)
0 V
0 mA
VOUT
VFOLDBACK
ICL
ISC
IRATED
IOUT
Brickwall
Foldback
20
TPS7A02
SBVS277B – JULY 2019 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.6 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brickwall-foldback scheme. The current limit transitions from a
brickwall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with the
output voltage above VFOLDBACK, the brickwall scheme limits the output current to the current limit (ICL). When the
voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the output
voltage approaches GND. When the output is shorted, the device supplies a typical current called the short-
circuit current limit (ISC). ICL and ISC are listed in the Electrical Characteristics table.
For this device, VFOLDBACK = 0.5 V.
The output voltage is not regulated when the device is in current limit. When a current limit event occurs, the
device begins to heat up because of the increase in power dissipation. When the device is in brickwall current
limit, the pass transistor dissipates power [(VIN – VOUT) × ICL]. When the device output is shorted and the output
is below VFOLDBACK, the pass transistor dissipates power [(VIN – VOUT) × ISC]. If thermal shutdown is triggered, the
device turns off. After the device cools down, the internal thermal shutdown circuit turns the device back on. If
the output current fault condition continues, the device cycles between current limit and thermal shutdown. For
more information on current limits, see the Know Your Limits application report.
Figure 57 shows a diagram of the foldback current limit.
Figure 57. Foldback Current Limit
7.3.7 Undervoltage Lockout (UVLO)
The device has an independent undervoltage lockout (UVLO) circuit that monitors the input voltage, allowing a
controlled and consistent turn on and off of the output voltage. To prevent the device from turning off if the input
drops during turn on, the UVLO has hysteresis as specified in the Electrical Characteristics table.
7.3.8 Thermal Shutdown
The device contains a thermal shutdown protection circuit to disable the device when the junction temperature
(TJ) of the pass transistor rises to TSD(shutdown) (typical). Thermal shutdown hysteresis assures that the device
resets (turns on) when the temperature falls to TSD(reset) (typical).


Numéro de pièce similaire - TPS7A02_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results

Description similaire - TPS7A02_V06

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A02 TI-TPS7A02_V08 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V04 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V11 Datasheet
3Mb / 47P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
MARCH 2020
TPS7A02 TI-TPS7A02_V07 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI-TPS7A02_V09 Datasheet
3Mb / 43P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V03 Datasheet
3Mb / 41P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V02 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A02 TI1-TPS7A02_V05 Datasheet
3Mb / 42P
[Old version datasheet]   TPS7A02 Nanopower IQ, 25-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com