Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSD75100DN56 Fiches technique(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSD75100DN56
Description  N-Ch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD75100DN56 Fiches technique(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD75100DN56 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD75100DN56 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
75
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.043
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance2
---
5.3
6.4
VGS(th)
Gate Threshold Voltage
2.0
3.0
4.0
V
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =250uA
---
-6.94
---
mV/℃
VDS=48V , VGS=0V , TJ=25℃
---
---
2
IDSS
Drain-Source Leakage Current
VDS=48V , VGS=0V , TJ=55℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=5V , ID=20A
---
50
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.0
2
Ω
Qg
Total Gate Charge (10V)
---
65
85
Qgs
Gate-Source Charge
---
20
---
Qgd
Gate-Drain Charge
VDS=20V , VGS=10V , ID=40A
---
17
---
nC
Td(on)
Turn-On Delay Time
---
27
49
Tr
Rise Time
---
14
26
Td(off)
Turn-Off Delay Time
---
60
108
Tf
Fall Time
VDD=30V , VGEN=10V , RG=1Ω,
ID=1A ,RL=15Ω.
---
37
67
ns
Ciss
Input Capacitance
3500
Coss
Output Capacitance
395
Crss
Reverse Transfer Capacitance
VDS=20V , VGS=0V , f=1MHz
195
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy5
VDD=25V , L=0.5mH , IAS=30A
198
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current1,6
---
---
50
A
ISM
Pulsed Source Current2,6
VG=VD=0V , Force Current
---
---
100
A
VSD
Diode Forward Voltage2
VGS=0V , IS=20A , TJ=25℃
---
---
1.4
V
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper,t<10sec .
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.5mH,IAS=30A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
7.Package limitation current is 100A.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Guaranteed Avalanche Characteristics
Diode Characteristics
VGS=10V , ID=25A
N-Ch MOSFET
WSD75100DN56
Page 2
www.winsok.tw
Dec.2014
---
---
---
---
---
---


Numéro de pièce similaire - WSD75100DN56

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
WSD751B WEITRON-WSD751B Datasheet
259Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
WSD751D WEITRON-WSD751D Datasheet
799Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751G WEITRON-WSD751G Datasheet
848Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
More results

Description similaire - WSD75100DN56

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com