Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMQ61460 Fiches technique(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMQ61460
Description  LMQ61460 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Quiet Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMQ61460 Fiches technique(HTML) 33 Page - Texas Instruments

Back Button LMQ61460 Datasheet HTML 29Page - Texas Instruments LMQ61460 Datasheet HTML 30Page - Texas Instruments LMQ61460 Datasheet HTML 31Page - Texas Instruments LMQ61460 Datasheet HTML 32Page - Texas Instruments LMQ61460 Datasheet HTML 33Page - Texas Instruments LMQ61460 Datasheet HTML 34Page - Texas Instruments LMQ61460 Datasheet HTML 35Page - Texas Instruments LMQ61460 Datasheet HTML 36Page - Texas Instruments LMQ61460 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
been generated assuming typical derating for 16 V, X7R capacitors. If lower voltage, non-automotive grade, or
lower temperature rated capacitors are used, more capacitors than listed will likely be needed.
8.2.2.5 Input Capacitor Selection
The ceramic input capacitors provide a low impedance source to the converter in addition to supplying the ripple
current and isolating switching noise from other circuits. A minimum of 10 μF of ceramic capacitance is required
on the input of the device. This must be rated for at least the maximum input voltage that the application
requires; preferably twice the maximum input voltage. This capacitance can be increased to help reduce input
voltage ripple and maintain the input voltage during load transients. In addition, a small case size 100-nF
ceramic capacitor must be used at each input/ground pin pair, VIN1/PGND1 and VIN2/PGND2, immediately
adjacent to the converter. This provides a high-frequency bypass for the control circuits internal to the device.
These capacitors also suppress SW node ringing, which reduces the maximum voltage present on the SW node
and EMI. The two 100 nF must also be rated at 50 V with an X7R or better dielectric. The VQFN-HR (RJR)
package provides two input voltage pins and two power ground pins on opposite sides of the package. This
allows the input capacitors to be split, and placed optimally with respect to the internal power MOSFETs, thus
improving the effectiveness of the input bypassing. In this example, two 4.7-μF and two 100-nF ceramic
capacitors are used, one at each VIN/PGND location. A single 10-μF can also be used on one side of the
package.
Many times, it is desirable and necessary to use an electrolytic capacitor on the input in parallel with the
ceramics. This is especially true if long leads or traces are used to connect the input supply to the converter. The
moderate ESR of this capacitor can help damp any ringing on the input supply caused by the long power leads.
The use of this additional capacitor also helps with momentary voltage dips caused by input supplies with
unusually high impedance.
Most of the input switching current passes through the ceramic input capacitors. The approximate worst case
RMS value of this current can be calculated from Equation 12 and must be checked against the manufacturers'
maximum ratings.
I
RMS
§
I
OUT
2
(12)
8.2.2.6 BOOT Capacitor
The device requires a bootstrap capacitor connected between the CBOOT pin and the SW pin. This capacitor
stores energy that is used to supply the gate drivers for the high-side power MOSFET. A high-quality (X7R)
ceramic capacitor of 100 nF and at least 10 V is required.
8.2.2.7 BOOT Resistor
A BOOT resistor can be connected between the CBOOT and RBOOT pins. Unless EMI for the application being
designed is critical, these two pins can be shorted. A 100 Ω resistor between these pins eliminates overshoot.
Even with 0 Ω, overshoot and ringing are minimal, less than 2 V if input capacitors are placed correctly. A boot
resistor of 100 Ω, which corresponds to approximately 2.7 ns SW node rise time and decreases efficiency by
approximately 0.5% at 2 MHz. To maximize efficiency, 0 Ω is chosen for this example. Under most
circumstances, selecting an RBOOT resistor value above 100 Ω is undesirable since the resulting small
improvement in EMI is not enough to justify further decreased efficiency.
8.2.2.8 VCC
The VCC pin is the output of the internal LDO used to supply the control circuits of the converter. This output
requires a 1-μF, 16-V ceramic capacitor connected from VCC to AGND for proper operation. In general, avoid
loading this output with any external circuitry. However, this output can be used to supply the pullup for the
power-good function (see Section 7.3.5). A pullup resistor with a value of 100 kΩ is a good choice in this case.
Note, VCC will remain high when VEN_WAKE< EN < VEN. The nominal output voltage on VCC is 3.3 V. Do not
short this output to ground or any other external voltage.
www.ti.com
LMQ61460
SNVSBR8A – JULY 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LMQ61460


Numéro de pièce similaire - LMQ61460

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMQ61460 TI-LMQ61460 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ61460-Q1 TI1-LMQ61460-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A , Low EMI Synchronous Step-Down Quiet Converter
LMQ61460-Q1 TI-LMQ61460-Q1 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ61460-Q1 TI-LMQ61460-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
LMQ61460-Q1 TI-LMQ61460-Q1_V01 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
More results

Description similaire - LMQ61460

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMQ61460-Q1 TI1-LMQ61460-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A , Low EMI Synchronous Step-Down Quiet Converter
LMQ61460-Q1 TI-LMQ61460-Q1_V01 Datasheet
3Mb / 52P
[Old version datasheet]   LMQ61460-Q1 Automotive 3-V to 36-V, 6 A, Low EMI Synchronous Step-Down Converter
LMQ62440-Q1 TI1-LMQ62440-Q1_V01 Datasheet
253Kb / 5P
[Old version datasheet]   LMQ62440-Q1 Automotive 3-V to 36-V, 4 A, Low EMI Synchronous Step-Down Quiet Converter
LMQ62440-Q1 TI1-LMQ62440-Q1 Datasheet
252Kb / 4P
[Old version datasheet]   LMQ62440-Q1 Automotive 3-V to 36-V, 4 A, Low EMI Synchronous Step-Down Quiet Converter
LM61460 TI1-LM61460 Datasheet
87Kb / 6P
[Old version datasheet]   3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
LM61460-Q1 TI1-LM61460-Q1_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM61460-Q1 Automotive 3-V to 36-V, 6-A, Low EMI Synchronous Step-Down Converter
LM61460-Q1 TI1-LM61460-Q1_V02 Datasheet
2Mb / 56P
[Old version datasheet]   LM61460-Q1 Automotive 3-V to 36-V, 6-A, Low EMI Synchronous Step-Down Converter
LM61440 TI1-LM61440_V01 Datasheet
2Mb / 51P
[Old version datasheet]   LM61440 3-V to 36-V, 4-A, Low EMI Synchronous Step-Down Converter
LM61430-Q1 TI-LM61430-Q1 Datasheet
4Mb / 55P
[Old version datasheet]   LM61430-Q1 3-V to 36-V, 3-A, Low-EMI Synchronous Step-Down Converter
SNVSBY6 ??OCTOBER 2021
LM61460 TI1-LM61460_V01 Datasheet
74Kb / 4P
[Old version datasheet]   LM61460 3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com