Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM60440 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM60440
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM60440 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM60440_V01 Datasheet HTML 6Page - Texas Instruments LM60440_V01 Datasheet HTML 7Page - Texas Instruments LM60440_V01 Datasheet HTML 8Page - Texas Instruments LM60440_V01 Datasheet HTML 9Page - Texas Instruments LM60440_V01 Datasheet HTML 10Page - Texas Instruments LM60440_V01 Datasheet HTML 11Page - Texas Instruments LM60440_V01 Datasheet HTML 12Page - Texas Instruments LM60440_V01 Datasheet HTML 13Page - Texas Instruments LM60440_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
High = Power Good
VOUT
PG
Low = Fault
(95%)
(93%)
(107%)
(105%)
VPG-HIGH_UP
VPG-HIGH-DN
VPG-LOW-UP
VPG-LOW-DN
10
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Power-Good Flag Output
The power-good flag function (PG output pin) of the LM604x0 can be used to reset a system microprocessor
whenever the output voltage is out of regulation. This open-drain output goes low under fault conditions, such as
current limit and thermal shutdown, as well as during normal start-up. A glitch filter prevents false flag operation
for short excursions of the output voltage, such as during line and load transients. The timing parameters of the
glitch filter are found in the Electrical Characteristics table. Output voltage excursions lasting less than tPG do not
trip the power-good flag. Power-good operation can best be understood by reference to Figure 1 and Figure 2.
Note that during initial power up, a delay of about 4 ms (typical) is inserted from the time that EN is asserted to
the time that the power-good flag goes high. This delay only occurs during start-up and is not encountered during
normal operation of the power-good function.
The power-good output consists of an open-drain NMOS, requiring an external pullup resistor to a suitable logic
supply. It can also be pulled up to either VCC or VOUT, through a 100-kΩ resistor, as desired. If this function is
not needed, the PG pin must be left floating. When EN is pulled low, the flag output is also forced low. With EN
low, power good remains valid as long as the input voltage is
≥ 2 V (typical). Limit the current into the power-
good flag pin to less than 5 mA D.C. The maximum current is internally limited to about 35 mA when the device
is enabled and about 65 mA when the device is disabled. The internal current limit protects the device from any
transient currents that can occur when discharging a filter capacitor connected to this output.
Figure 1. Static Power-Good Operation


Numéro de pièce similaire - LM60440_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI-LM60440-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
More results

Description similaire - LM60440_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
[Old version datasheet]   LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1_1812 TI1-LMR33620-Q1_1812 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com