Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV8353M Fiches technique(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
No de pièce DRV8353M
Description  DRV8353M 100-V Three-Phase Smart Gate Driver
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DRV8353M Fiches technique(HTML) 62 Page - Texas Instruments

Back Button DRV8353M Datasheet HTML 58Page - Texas Instruments DRV8353M Datasheet HTML 59Page - Texas Instruments DRV8353M Datasheet HTML 60Page - Texas Instruments DRV8353M Datasheet HTML 61Page - Texas Instruments DRV8353M Datasheet HTML 62Page - Texas Instruments DRV8353M Datasheet HTML 63Page - Texas Instruments DRV8353M Datasheet HTML 64Page - Texas Instruments DRV8353M Datasheet HTML 65Page - Texas Instruments DRV8353M Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
Use Equation 26 to calculate the value of IVCP and IVGLS for a MOSFET gate charge of 78 nC, all 3 high-side and
3 low-side MOSFETs switching, and a switching frequency of 45 kHz.
IVCP/VGLS = 78 nC × 3 × 45 kHz = 10.5 mA
(26)
Use Equation 27, Equation 28, Equation 29, Equation 30, and Equation 31 to calculate the value of Ptot for VVM =
VVDRAIN = VVIN = 48 V, IVM = 9.5 mA, IVCP = 10.5 mA, IVGLS = 10.5 mA, VVCC = 3.3 V, IVCC = 100 mA, and η = 86
%.
PVCP = 10.5 mA × (48 V + 48 V) = 1 W
(27)
PVGLS = 10.5 mA × 48 V = 0.5 W
(28)
PVM = 9.5 mA × 48 V = 0.5 W
(29)
PBUCK = [(3.3 V × 100 mA) / 0.86] – (3.3 V × 100 mA) = 0.054 W
(30)
Ptot = 1 W + 0.5 W + 0.5 W + 0.054 = 2.054 W
(31)
Lastly, to estimate the device junction temperature during operation, use Equation 32 to calculate the value of
TJmax for TAmax = 60°C, RθJA = 26.6°C/W for the RGZ package, and Ptot = 2.054 W. Again, please note that the
RθJA is highly dependent on the PCB design used in the actual application and should be verified. For more
information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics
application report.
TJmax = 60°C + (26.6°C/W × 2.054 W) = 115°C
(32)
As shown in this example, the device is within its operational limits, but is operating almost to its maximum
operational junction temperature. Design care should be taken in the single supply configuration to correctly
manage the power dissipation of the device.
14.2.1.3 Application Curves
Figure 14-2. Gate Driver Operation 30% Duty Cycle Figure 14-3. Gate Driver Operation 90% Duty Cycle
DRV8353M
SLVSFO2 – JULY 2020
www.ti.com
62
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8353M


Numéro de pièce similaire - DRV8353M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8353 TI1-DRV8353 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353 TI1-DRV8353 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353F TI-DRV8353F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8353FHRTAR TI-DRV8353FHRTAR Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
More results

Description similaire - DRV8353M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320 Datasheet
2Mb / 80P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8300U TI-DRV8300U Datasheet
1Mb / 29P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
JULY 2022
DRV8300U TI-DRV8300U_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300U TI-DRV8300U_V02 Datasheet
2Mb / 34P
[Old version datasheet]   DRV8300U: 100-V Three-Phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8300-Q1 TI-DRV8300-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8300-Q1: 100-V Three-Phase BLDC Gate Driver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com