Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC3230S Fiches technique(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC3230S
Description  CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC3230S Fiches technique(HTML) 82 Page - Texas Instruments

Back Button CC3230S Datasheet HTML 78Page - Texas Instruments CC3230S Datasheet HTML 79Page - Texas Instruments CC3230S Datasheet HTML 80Page - Texas Instruments CC3230S Datasheet HTML 81Page - Texas Instruments CC3230S Datasheet HTML 82Page - Texas Instruments CC3230S Datasheet HTML 83Page - Texas Instruments CC3230S Datasheet HTML 84Page - Texas Instruments CC3230S Datasheet HTML 85Page - Texas Instruments CC3230S Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
Table 10-1. Bill-of-Materials for CC3230x Engine Area and Optional Coexistence
QUANTITY
DESIGNATOR
VALUE
MANUFACTURER
PART NUMBER
DESCRIPTION
1
C1
1 µF
MuRata
GRM155R61A105KE15D
Capacitor, Ceramic, 1 µF,
10 V, ±10%, X5R, 0402
2
C2, C3
100 µF
Taiyo Yuden
LMK325ABJ107MMHT
Capacitor, Ceramic, 100 µF,
10 V, ±20%, X5R, 1210
3
C4, C5, C6
4.7 µF
TDK
C1005X5R0J475M050BC
Capacitor, Ceramic, 4.7 µF,
6.3 V, ±20%, X5R, 0402
10
C7, C8, C9, C11, C12,
C13, C18, C19, C21, C22
0.1 µF
TDK
C1005X5R1A104K050BA
Capacitor, Ceramic, 0.1 µF,
10 V, ±10%, X5R, 0402
3
C10, C17, C20
10 µF
MuRata
GRM188R60J106ME47D
Capacitor, Ceramic, 10 µF,
6.3 V, ±20%, X5R, 0603
2
C14, C15
22 µF
TDK
C1608X5R0G226M080AA
Capacitor, Ceramic, 22 µF,
4 V, ±20%, X5R, 0603
1
C16
1 µF
TDK
C1005X5R1A105K050BB
Capacitor, Ceramic, 1 µF,
10 V, ±10%, X5R, 0402
2
C23, C24
10 pF
MuRata
GRM1555C1H100JA01D
Capacitor, Ceramic, 10 pF,
50 V, ±5%, C0G/NP0, 0402
2
C25, C26
6.2 pF
MuRata
GRM1555C1H6R2CA01D
Capacitor, Ceramic, 6.2 pF,
50 V, ±5%, C0G/NP0, 0402
1
C27
0.5 pF
MuRata
GRM1555C1HR50BA01D
Capacitor, Ceramic, 0.5 pF,
50 V, ±20%, C0G/NP0, 0402
3
C28(3), C29(3), C30(3)
68 pF
MuRata
GRM0335C1H680JA1D
CAP, CERM, 68 pF, 50 V,
+/- 5%, C0G/NP0, 0201
2
C31(3), C32(3)
100 pF
Yageo
CC0201JRNPO8BN101
CAP, CERM, 100 pF, 25 V,
+/- 5%, C0G/NP0, 0201
1
E1
2.45-GHz
Antenna
Taiyo Yuden
AH316M245001-T
ANT Bluetooth W-LAN
Zigbee®, SMD
1
FL1
1.02 dB
TDK
DEA202450BT-1294C1-H
Multilayer Chip Band Pass Filter
For 2.4 GHz W-LAN/Bluetooth, SMD
1
L1
3.3 nH
MuRata
LQG15HS3N3S02D
Inductor, Multilayer, Air Core,
3.3 nH, 0.3 A, 0.17 ohm, SMD
2
L2, L4
2.2 µH
MuRata
LQM2HPN2R2MG0L
Inductor, Multilayer, Ferrite,
2.2 µH, 1.3 A, 0.08 ohm, SMD
1
L3
1 µH
MuRata
LQM2HPN1R0MG0L
Inductor, Multilayer, Ferrite,
1 µH, 1.6 A, 0.055 ohm, SMD
1
L5(1)
10 µH
Taiyo Yuden
CBC2518T100M
Inductor, Wirewound, Ceramic,
10 µH, 0.48 A, 0.36 ohm, SMD
1
R1
10 k
Vishay-Dale
CRCW040210K0JNED
Resistor, 10 k, 5%, 0.063 W, 0402
CC3230S, CC3230SF
SWRS226 – FEBRUARY 2020
www.ti.com
82
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC3230S CC3230SF


Numéro de pièce similaire - CC3230S

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF TI1-CC3235MODASF Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MON TI1-CC3235MODASF12MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASF12MONR TI1-CC3235MODASF12MONR Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODASM2MON TI1-CC3235MODASM2MON Datasheet
2Mb / 100P
[Old version datasheet]   CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

Description similaire - CC3230S

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
[Old version datasheet]   SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3000-TYPEVK TI1-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TYPEVK TI-CC3000-TYPEVK Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by Murata
CC3000-TIWI-SL TI-CC3000-TIWI-SL Datasheet
47Kb / 2P
[Old version datasheet]   SimpleLink??Wi-Fi짰 CC3000 Module by LS Research
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
[Old version datasheet]   CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com