Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC3130 Fiches technique(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC3130
Description  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC3130 Fiches technique(HTML) 64 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 60Page - Texas Instruments CC3130 Datasheet HTML 61Page - Texas Instruments CC3130 Datasheet HTML 62Page - Texas Instruments CC3130 Datasheet HTML 63Page - Texas Instruments CC3130 Datasheet HTML 64Page - Texas Instruments CC3130 Datasheet HTML 65Page - Texas Instruments CC3130 Datasheet HTML 66Page - Texas Instruments CC3130 Datasheet HTML 67Page - Texas Instruments CC3130 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
SimpleLink™ Wi-Fi® CC3135
and CC3235 and IoT Solution
Layout Guidelines
This document provides the design guidelines of the 4-layer PCB used for the
CC3135 and CC3235 SimpleLink Wi-Fi family of devices from Texas
Instruments. The CC3135 and CC3235 devices are easy to lay out and are
available in quad flat no-leads (QFNS) packages. When designing the board,
follow the suggestions in this document to optimize performance of the board.
SimpleLink™ Wi-Fi® CC3130
BoosterPack™ Development
Kit (BOOSTXL-CC3130)
The SimpleLink Wi-Fi CC3130 wireless network processor from Texas
Instruments™ provides users the flexibility to add Wi-Fi to any MCU. This
user's guide explains the various configurations of the CC3130 BoosterPack™
Plug-In Module.
SimpleLink™ Wi-Fi® and
Internet-on-a chip™ CC3135
and CC3235 Solution Radio
Tool
The Radio Tool serves as a control panel for direct access to the radio, and
can be used for both the radio frequency (RF) evaluation and for certification
purposes. This guide describes how to have the tool work seamlessly on
Texas Instruments evaluation platforms such as the BoosterPack plus FTDI
emulation board for CC3235 devices, and the LaunchPad for CC3235
devices.
SimpleLink™ Wi-Fi® CC3135
and CC3235 Provisioning for
Mobile Applications
This guide describes TI’s SimpleLink Wi-Fi provisioning solution for mobile
applications, specifically on the usage of the Androidand IOS® building
blocks for UI requirements, networking, and provisioning APIs required for
building the mobile application.
More Literature
CC3x35 SimpleLink™ Wi-Fi® Hardware Design Checklist
CC3130 SimpleLink™ WI-Fi® BoosterPack™ Design Files
11.5 Trademarks
WPA, WPA2, WPA3, and are trademarks of Wi-Fi Alliance.
E2E, Internet-on-a chip, Texas Instruments, SmartConfig, LaunchPad, Code Composer Studio,
BoosterPack, and Sitaraare trademarks of Texas Instruments.
Androidis a trademark of Google LLC.
Wi-Fi®, Wi-Fi Alliance®, and Wi-Fi Direct® are registered trademarks of Wi-Fi Alliance.
Arm® and Cortex® are registered trademarks of Arm Limited.
Zigbee® is a registered trademark of Zigbee Alliance.
Windows® is a registered trademark of Microsoft Inc.
IOS® is a registered trademark of Cisco.
All other trademarks are the property of their respective owners.
CC3130
SWRS227 – MARCH 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Numéro de pièce similaire - CC3130

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Description similaire - CC3130

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com