Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ24160 Fiches technique(PDF) 34 Page - Texas Instruments

No de pièce BQ24160
Description  bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

BQ24160 Fiches technique(HTML) 34 Page - Texas Instruments

Back Button BQ24160_V01 Datasheet HTML 30Page - Texas Instruments BQ24160_V01 Datasheet HTML 31Page - Texas Instruments BQ24160_V01 Datasheet HTML 32Page - Texas Instruments BQ24160_V01 Datasheet HTML 33Page - Texas Instruments BQ24160_V01 Datasheet HTML 34Page - Texas Instruments BQ24160_V01 Datasheet HTML 35Page - Texas Instruments BQ24160_V01 Datasheet HTML 36Page - Texas Instruments BQ24160_V01 Datasheet HTML 37Page - Texas Instruments BQ24160_V01 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
SW
SYS
BAT
BGATE
TS
DRV
PGND
PMIDU
USB
SDA
INT
BOOT
VSYS
(1.8V)
PMIDI
IN
System
Load
GSM
PA
STAT
D+
VBUS
D+
D-
GND
ADAPTER
SCL
HOST
SCL
SDA
GPIO1
TEMP
PACK+
PACK-
VDRV
bq24160
D-
1 F
m
4.7 F
m
1 F
m
4.7 F
m
1 F
m
0.01 F
m
10 F
m
1.5 H
m
1 F
m
34
bq24160, bq24160A, bq24161
bq24161B, bq24163, bq24168
SLUSAO0G – NOVEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: bq24160 bq24160A bq24161 bq24161B bq24163 bq24168
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
10 Application and Implementation
10.1 Application Information
A typical application circuit using the bq24160 with a smartphone's GSM power amplifier (PA) powered directly
from the battery is shown in Figure 21. A typical application circuit using the bq24161 with a smartphone's GSM
PA powered from the SYS rail, to allow for calls even with a deeply discharged battery, is shown in Figure 22.
Each circuit shows the minimum capacitance requirements for each pin and typical recommended inductance
value of 1.5 µH. The TS resistor divider for configuring the TS function for the battery's specific thermistor can be
computed from equations Equation 1 and Equation 2. The resistor on STAT is sized per the LED current
requirements. All other configuration settings for VINDPM, input current limit, charge current and charge voltage
are made in EEPROM registers using I2C commands. Options for sizing the inductor outside the 1.5 µH
recommended value and additional SYS pin capacitance are explained in the next section.
10.2 Typical Application
Figure 21. bq24160, Shown with no External Discharge FET, PA Connected to Battery


Numéro de pièce similaire - BQ24160_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ24160A TI1-BQ24160A Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGER TI1-BQ24160ARGER Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160ARGET TI1-BQ24160ARGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
More results

Description similaire - BQ24160_V01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com