Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC3301-Q1 Fiches technique(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC3301-Q1
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC3301-Q1 Fiches technique(HTML) 20 Page - Texas Instruments

Back Button AMC3301-Q1 Datasheet HTML 16Page - Texas Instruments AMC3301-Q1 Datasheet HTML 17Page - Texas Instruments AMC3301-Q1 Datasheet HTML 18Page - Texas Instruments AMC3301-Q1 Datasheet HTML 19Page - Texas Instruments AMC3301-Q1 Datasheet HTML 20Page - Texas Instruments AMC3301-Q1 Datasheet HTML 21Page - Texas Instruments AMC3301-Q1 Datasheet HTML 22Page - Texas Instruments AMC3301-Q1 Datasheet HTML 23Page - Texas Instruments AMC3301-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
7.3.3 Analog Output
The AMC3301-Q1 offers a differential analog output comprised of the OUTP and OUTN pins. For differential
input voltages (VINP – VINN) in the range from –250 mV to 250 mV, the device provides a linear response with a
nominal gain of 8.2. For example, for a differential input voltage of 250 mV, the differential output voltage (VOUTP
– VOUTN) is 2.05 V. At zero input (INP shorted to INN), both pins output the same common-mode output voltage
VCMout, as specified in the Electrical Characteristics table in Section 6. For absolute differential input voltages
greater than 250 mV but less than 320 mV, the differential output voltage continues to increase in magnitude but
with reduced linearity performance. The outputs saturate at a differential output voltage of VCLIPout as shown in
Figure 7-3 if the differential input voltage exceeds the VClipping value.
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
320 mV
320 mV
250 mV
250 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP ± VINN)
Common mode output voltage
(VCMout)
±
±
Clipping output voltage
(VCLIPout)
Figure 7-3. AMC3301-Q1 Output Behavior
The AMC3301-Q1 provides a fail-safe output that simplifies diagnostics on system level. The fail-safe output is
active when the integrated DC/DC converter doesn't deliver the required supply voltage on the secondary side of
the device. Figure 7-4 and Figure 7-5 illustrate the fail-safe output of the AMC3301-Q1 that is a negative
differential output voltage value that does not occur under normal operating conditions. Use the maximum
VFAILSAFE voltage specified in the Electrical Characteristics table in Section 6 as a reference value for the fail-
safe detection on system level.
-2.492 V
VOUTN
VOUTP
Figure 7-4. Typical Negative Clipping Output of the AMC3301-Q1
AMC3301-Q1
SBASA73 – JULY 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3301-Q1


Numéro de pièce similaire - AMC3301-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
[Old version datasheet]   AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301DWE TI1-AMC3301DWE Datasheet
592Kb / 23P
[Old version datasheet]   AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301DWER TI1-AMC3301DWER Datasheet
592Kb / 23P
[Old version datasheet]   AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results

Description similaire - AMC3301-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
[Old version datasheet]   AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
[Old version datasheet]   AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
[Old version datasheet]   AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
[Old version datasheet]   AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
[Old version datasheet]   AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com