Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79514-1JC Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM79514-1JC
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514-1JC Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM79514-1JC Datasheet HTML 1Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 2Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 3Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 4Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 5Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 6Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 7Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 8Page - Advanced Micro Devices AM79514-1JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SLIC Products
5
ABSOLUTE MAXIMUM RATINGS
Storage temperature ......................... –55°C to +150°C
VCC with respect to AGND/DGND ..... –0.4 V to +7.0 V
VEE with respect to AGND/DGND...... +0.4 V to –7.0 V
VBAT with respect to AGND/DGND ..... +0.4 V to –70 V
Note: Rise time of VBAT (dv/dt) must be limited to 27 V/µs or
less when QBAT bypass = 0.33 µF.
BGND with respect to AGND/DGND.. +1.0 V to –3.0 V
A(TIP) or B(RING) to BGND:
Continuous .................................... –70 V to +1.0 V
10 ms (f = 0.1 Hz) .......................... –70 V to +5.0 V
1
µs (f = 0.1 Hz) .............................. –90 V to +10 V
250 ns (f = 0.1 Hz) ........................ –120 V to +15 V
Current from A(TIP) or B(RING)
....................... ±150 mA
Voltage on RINGOUT ....... BGND to 70 V above QBAT
Voltage on TESTOUT ....... BGND to 70 V above QBAT
Current through relay drivers ............................. 60 mA
Voltage on ring-trip inputs DA and DB ....... VBAT to 0 V
Current into ring-trip inputs
.................................. ±10 mA
Peak current into regulator switch (L pin) ........ 150 mA
Switcher transient peak off voltage on L pin ......+1.0 V
C4–C1, E1, CHCLK,
to AGND/DGND ....................–0.4 V to VCC + 0.4 V
Maximum power dissipation, (see note) ...... TA = 70°C
In 32-pin PLCC package.............................. 1.74 W
Note: Thermal limiting circuitry on chip will shut down the
circuit at a junction temperature of about 165°C. The device
should never be exposed to this temperature. Operation
above 145°C junction temperature may degrade device
reliability. See the SLIC Packaging Considerations for more
information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient temperature .............................0°C to +70°C*
VCC .....................................................4.75 V to 5.25 V
VEE .................................................–4.75 V to –5.25 V
VBAT ......................................................–40 V to –63 V
AGND/DGND .......................................................... 0 V
BGND with respect to
AGND/DGND........................ –100 mV to +100 mV
Load resistance on VTX to ground .............. 10 k
Ω min
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
* Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.


Numéro de pièce similaire - AM79514-1JC

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM79534 AMD-AM79534 Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1DC AMD-AM79534-1DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1JC AMD-AM79534-1JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2DC AMD-AM79534-2DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2JC AMD-AM79534-2JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
More results

Description similaire - AM79514-1JC

FabricantNo de pièceFiches techniqueDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com