Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSD3028DN Fiches technique(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSD3028DN
Description  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3028DN Fiches technique(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3028DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3028DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3028DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3028DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3028DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
25
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
18
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
19
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
15
A
IDM
Pulsed Drain Current2
40
A
EAS
Single Pulse Avalanche Energy3
21
mJ
IAS
Avalanche Current
15
A
PD@TC=25℃
Total Power Dissipation4
5
W
PD@TA=25℃
Total Power Dissipation4
2.5
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
50
/W
RθJC
Thermal Resistance Junction-Case1
---
4
/W
BVDSS
RDSON
ID
30V
25mΩ
19A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
DFN3
.3X3.3-8L Pin Configuration
Product Summery
WSD3028DN
Page 1
www.winsok.tw
Dec.2014
N-Ch MOSFET
The WSD3028DN is the highest performance
trench N-ch MOSFET with extreme high cell
density,which provide excellent RDSON and
gate charge for most of the synchronous buck
converter applications .
The WSD3028DN meet the RoHS and
Green Product requirement 100% EAS
guaranteed with full function reliability
approved.


Numéro de pièce similaire - WSD3028DN

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN DOINGTER SEMIC...
WSD3028DN DOINGTER-WSD3028DN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Description similaire - WSD3028DN

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com