Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSD2068 Fiches technique(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSD2068
Description  Dual N-Ch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD2068 Fiches technique(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD2068 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2068 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2068 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2068 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2068 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD2068 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V
1
7.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V
1
6.5
A
IDM
Pulsed Drain Current
2
30
A
PD@TA=25℃
Total Power Dissipation
3
1.5
W
PD@TA=70℃
Total Power Dissipation
3
1.0
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1 (Steady State)
---
120
/W
RθJA
Thermal Resistance Junction-ambient
1
(t<10S)
---
83
/W
BVDSS
RDSON
ID
20V
15.5mΩ
7.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Power Management in Notebook Computer, Portable
Equipment and Battery Powered Systems.
DC-DC Power System
ESD:2KV
Absolute Maximum Ratings
Thermal Data
DFN2X3A_EP Pin Configuration
Product Summery
WSD2068
Page 1
www.winsok.tw
Dec.2014
The WSD2068 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate
charge for most of the small power switching
and load switch applications.
The WSD2068 meet the RoHS and Green
Product requirement with full function
reliability approved.
Dual N-Ch MOSFET


Numéro de pièce similaire - WSD2068

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2065 WIINSOK-WSD2065 Datasheet
1Mb / 6P
   Dual P-Ch MOSFET
WSD2065DN22 WIINSOK-WSD2065DN22 Datasheet
2Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
WSD2067 WIINSOK-WSD2067 Datasheet
671Kb / 6P
   Dual P-Ch MOSFET
More results

Description similaire - WSD2068

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
   Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
   Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
   Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
   Dual N-Ch MOSFET
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
   Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
   Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
   Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
   Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com