Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JN5189 Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce JN5189
Description  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 55Page - NXP Semiconductors JN5189 Datasheet HTML 56Page - NXP Semiconductors JN5189 Datasheet HTML 57Page - NXP Semiconductors JN5189 Datasheet HTML 58Page - NXP Semiconductors JN5189 Datasheet HTML 59Page - NXP Semiconductors JN5189 Datasheet HTML 60Page - NXP Semiconductors JN5189 Datasheet HTML 61Page - NXP Semiconductors JN5189 Datasheet HTML 62Page - NXP Semiconductors JN5189 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
59 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
[1]
Number of erase/program cycles, for Junction temperature range -40°C to 85°C
[2]
Number of erase/program cycles, for Junction temperature range -40°C to 125°C
14.3 IO pins
[1]
Simulated data.
[2]
PIO I2C values are for PIO10 and PIO11. IO cell in GPIO mode. Slow speed is EHS=0; Fast speed is
EHS=1
terase
Erase time
1 Page (512 Bytes)
1.878
ms
tblank
Blank status time
1 Page (512 Bytes)
21
s
tprog
Programming time
1 Page (512 Bytes)
1.09
ms
Table 27.
Flash memory
VDDE = 1.9 V to 3.6 V; Tj =
−40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 28.
Dynamic characteristic: I/O pins[1]
VDDE = 1.9 V to 3.6 V; Tj =
−40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PIO I2C[2]
tR
Rise time
Slow speed, 3.3 V
12
22
ns
Slow speed 1.9 V
14
28
ns
Fast speed 3.3 V
1.7
5ns
Fast speed 1.9 V
3.2
7.5
ns
tF
Fall time
Slow speed, 3.3 V
14
29
ns
Slow speed 1.9 V
18
34
ns
Fast speed 3.3 V
1.1
2.6
ns
Fast speed 1.9 V
2
4.7
ns
PIO HS[3]
tR
Rise time
Slow speed, 3.3 V
1.6
4ns
Slow speed 1.9 V
2.4
6ns
Fast speed 3.3 V
0.8
3ns
Fast speed 1.9 V
1.2
4ns
tF
Fall time
Slow speed, 3.3 V
1.1
3.3
ns
Slow speed 1.9 V
1.6
5ns
Fast speed 3.3 V
0.6
3ns
Fast speed 1.9 V
0.9
3.5
ns
PIO LS[4][5]
tR
Rise time
Slow speed, 3.3 V
2.2
5ns
Slow speed 1.9 V
3.3
7.5
ns
Fast speed 3.3 V
1.6
4ns
Fast speed 1.9 V
2.5
6.5
ns
tF
Fall time
Slow speed, 3.3 V
1.2
3.5
ns
Slow speed 1.9 V
1.9
5ns
Fast speed 3.3 V
0.7
3ns
Fast speed 1.9 V
1.1
3.5
ns


Numéro de pièce similaire - JN5189

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - JN5189

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com