Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JN5189 Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce JN5189
Description  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 51Page - NXP Semiconductors JN5189 Datasheet HTML 52Page - NXP Semiconductors JN5189 Datasheet HTML 53Page - NXP Semiconductors JN5189 Datasheet HTML 54Page - NXP Semiconductors JN5189 Datasheet HTML 55Page - NXP Semiconductors JN5189 Datasheet HTML 56Page - NXP Semiconductors JN5189 Datasheet HTML 57Page - NXP Semiconductors JN5189 Datasheet HTML 58Page - NXP Semiconductors JN5189 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
55 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
14. Dynamic characteristics
14.1 AC characteristics
14.1.1 Reset and Supply Voltage Monitor
Table 18.
Externally applied reset
VDDE = 1.9 V to 3.6 V, Tj = -40 °C to +125 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
trst
Reset time
External reset pulse width to
initiate reset sequence
[1]
500
ns
Vrh
Reset high voltage
External threshold voltage, for
reset to be sampled high
(inactive)
[2]
0.7 x
VDDE

V
Vrl
Reset low voltage
External threshold voltage for
reset to be low (active)
[2]

0.7 x
VDDE
V
Vth(POR)
Power-on reset threshold
voltage
Rise time > 10 ms
rising
1.85
V
falling
1.75
V
tSTAB
Stabilisation time
Time after release of reset until
application runs

1.9
ms
IDD
Supply current
Chip current when held in
reset, VDDE = 3 V
132
A
Irst(bod vbat)
Brownout reset current
Chip current when held in
reset when voltage is above
power-on-reset threshold but
below brownout threshold
46
A
Vth
Threshold voltage
Supply (VBAT) threshold
voltage monitor
[3]
1.69
1.75
1.81
V
1.74
1.8
1.86
V
1.84
1.9
1.96
V
1.94
2
2.06
V
2.03
2.1
2.17
V
2.13
2.2
2.27
V
2.23
2.3
2.37
V
2.32
2.4
2.48
V
2.42
2.5
2.58
V
2.52
2.6
2.68
V
2.61
2.7
2.79
V
2.71
2.8
2.89
V
2.81
2.9
2.99
V
2.91
3
3.09
V
3.00
3.1
3.2
V
3.10
3.2
3.3
V
3.20
3.3
3.4
V


Numéro de pièce similaire - JN5189

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - JN5189

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com