Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTFRDMPT2001EVMUG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce KTFRDMPT2001EVMUG
Description  FRDMPT2001EVM evaluation board
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTFRDMPT2001EVMUG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button KTFRDMPT2001EVMUG Datasheet HTML 2Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 3Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 4Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 5Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 6Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 7Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 8Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 9Page - NXP Semiconductors KTFRDMPT2001EVMUG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NXP Semiconductors
KTFRDMPT2001EVMUG
FRDMPT2001EVM evaluation board
KTFRDMPT2001EVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 1.2 — 13 November 2018
6 / 25
5.1.3 Block diagram
aaa-028619
VBAT
SBC on KIT Limited
to Vbat = max 28 V
VCCP
VBOOST
VBOOST
VBATT
VBAT
VBAT
HS1
MOSFET
B_HS1
G_HS1
S_HS1
VCCP
KIT
K144
or
KL25Z
+
-
DNP
VCC5
VCCIO
5 V
3.3 V
CLK
CSB
MISO
MOSI
SCLK
DBG
RESETB
DRVEN
START1
START2
START3
START4
START5
START6
FLAG2
FLAG1
PT2001
FLAG0
G_LS7
VSENSEP4
VSENSEN4
VBAT
VBOOST
LS7
MOSFET
IRQB
QA_2
QA_1
VBOOST
HS2
MOSFET
1
INJ2
2
3
INJ1
4
B_HS2
G_HS2
S_HS2
LS2
MOSFET
D_LS2
G_LS2
LS1
MOSFET
D_LS1
G_LS1
VBAT
HS3
MOSFET
B_HS3
G_HS3
S_HS3
VBOOST
HS4
MOSFET
1
INJ4
2
3
INJ3
4
B_HS4
G_HS4
S_HS4
LS4
MOSFET
D_LS4
G_LS4
LS3
MOSFET
D_LS3
G_LS3
VSENSEP2
VSENSEN2
VSENSEP1
VSENSEN1
VBAT
HS5
MOSFET
B_HS5
G_HS5
S_HS5
1
FP2
2
3
FP1
4
LS6
MOSFET
D_LS6
G_LS6
LS5
MOSFET
D_LS5
G_LS5
VSENSEP3
VSENSEN3
GND
R104
Figure 2. Block diagram
Note: The PT2001 supports up to 72 V on the battery line, but the SBC UJA1169
on S32K144 kit only supports 40 V as maximum rating and 28 V full performance.
Therefore, the board supply should be limited to 28 V or the MCU kit should be supplied
externally (R104 resistor to be removed in this case).


Numéro de pièce similaire - KTFRDMPT2001EVMUG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
KTFRDMPWRSTG1UG NXP-KTFRDMPWRSTG1UG Datasheet
2Mb / 23P
   FRDM-PWRSTG1EVB evaluation board
Rev. 3.0, 6/2016
More results

Description similaire - KTFRDMPT2001EVMUG

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com