Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SVAUG Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce SVAUG
Description  Surround View Application
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SVAUG Fiches technique(HTML) 2 Page - NXP Semiconductors

  SVAUG Datasheet HTML 1Page - NXP Semiconductors SVAUG Datasheet HTML 2Page - NXP Semiconductors SVAUG Datasheet HTML 3Page - NXP Semiconductors SVAUG Datasheet HTML 4Page - NXP Semiconductors SVAUG Datasheet HTML 5Page - NXP Semiconductors SVAUG Datasheet HTML 6Page - NXP Semiconductors SVAUG Datasheet HTML 7Page - NXP Semiconductors SVAUG Datasheet HTML 8Page - NXP Semiconductors SVAUG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Hardware setup
Surround View Application,
User’s Guide, Rev. 1, 07/2018
2
NXP Semiconductors
2. Hardware setup
The Surround View development platform consists of the parts listed in Table 1 (see also Figure 1). It is
assumed that you can built the demo kit yourself using all released hardware and software sources.
Table 1.
Surround view kit Bill of Material (BOM)
Item
Pcs.
Description
P/N
1
1
i.MX 8QM-MEK
MCIMX8QM-CPU
2
1
MAX9286 deserializer with miniSAS cable
MX8XMIPI4CAM2
3
4
Camera with coaxial cable
MCIMXCAMERA1MP
4
1
i.MX 8QM-MEK base board (optional only)
MCIM8-8X-BB
5
1
Display converter with miniSAS cable
IMX-DLVDS-HDMI
6
1
Mini-tripod
CL-TPPRE150
7
4
Camera enclosure
3D-printed
8
1
Camera stand
3D-printed
9
1
SDHC 32 (16) GB, UHS-I Class 10
SDSDUNC-032G-GN6IN
10
1
System (extrinsic camera) calibration pattern
530x530 mm
11
1
Lens (intrinsic camera) calibration pattern
297x297 mm
The below components are not a part of the development platform, but they are needed to run the whole
camera system. It is assumed that you have all the remaining components and tools (see Table 2).
Table 2.
Surround view additional components
Item
Description
12
USB keyboard
13
USB mouse
14
USB-C (male) to USB 3.0 (female) adapter cable + USB hub
15
HDMI monitor with HDMI cable
16
64-bit Windows® OS PC with Matlab or Matlab Runtime installed
17
Ethernet cable
If you have all hardware components delivered, perform these steps before running the applications
(calibration, rendering):
• Connect all boards as shown in Figure 1. Connect the deserializer to the MIPI-CSI0 connector
and the display converter to the LVDS0-CH0 connector on the CPU board. Interconnect these
boards using miniSAS cables.
• Print the camera stand and the camera enclosure using a 3D printer. Use the sources available on
the NXP webpage [3], located in the /Tools/CamStand folder.
• Place the camera module to the bigger camera enclosure part with clips, plug in the smaller
enclosure part, and click both camera covers (left + right). Finally, plug each camera module to
the camera stand. See Figure 2.
• Screw the tripod to the camera stand using the built-in ¼tripod screw (see Figure 3).
• Interconnect all cameras with the deserializer using the coaxial cables. Keep the right camera
order (see Figure 1). Keep the clockwise camera connection on the camera stand. That means


Numéro de pièce similaire - SVAUG

FabricantNo de pièceFiches techniqueDescription
logo
M-System Co.,Ltd.
SVA MSYSTEM-SVA Datasheet
102Kb / 3P
   Plug-in Signal Conditioners M-UNIT
logo
Mini-Circuits
SVA-2000 MINI-SVA-2000 Datasheet
421Kb / 2P
   Voltage Variable Attenuator
logo
List of Unclassifed Man...
SVA-41T-P1.1 ETC2-SVA-41T-P1.1 Datasheet
232Kb / 8P
   Crimping tools and machines
SVA-41T-P1.1 ETC2-SVA-41T-P1.1 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Mini-Circuits
SVA-541-DG++ MINI-SVA-541-DG+ Datasheet
321Kb / 5P
   E-PHEMT Die
More results

Description similaire - SVAUG

FabricantNo de pièceFiches techniqueDescription
logo
OmniVision Technologies...
OV493 OMNIVISION-OV493 Datasheet
449Kb / 2P
   Surround view system
logo
Rohm
BU9262AFS ROHM-BU9262AFS Datasheet
259Kb / 6P
   Digital surround / echo processor for audio application
logo
Agamem Microelectronic ...
AA8334 AGAMEM-AA8334 Datasheet
242Kb / 9P
   SURROUND PROCESSOR
logo
YAMAHA CORPORATION
YM7128B YAMAHA-YM7128B Datasheet
975Kb / 9P
   Surround Processor
logo
Princeton Technology Co...
PT2398 PTC-PT2398 Datasheet
246Kb / 5P
   Echo/Surround Processor
logo
Mitsumi Electronics, Co...
MM1454 MITSUMI-MM1454 Datasheet
120Kb / 5P
   Q Surround Processor
logo
Sanyo Semicon Device
LA2615 SANYO-LA2615 Datasheet
46Kb / 7P
   Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
logo
List of Unclassifed Man...
YSS247 ETC-YSS247 Datasheet
725Kb / 8P
   ASR ANALOG SURROUND
logo
Sanyo Semicon Device
LA2616V SANYO-LA2616V Datasheet
247Kb / 6P
   Analog Surround IC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com