Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV065MU101F Fiches technique(PDF) 2 Page - Advanced Micro Devices

No de pièce AM29LV065MU101F
Description  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU101F Fiches technique(HTML) 2 Page - Advanced Micro Devices

  AM29LV065MU101F Datasheet HTML 1Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 2Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 3Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 4Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 5Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 6Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU101F Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Am29LV065M
ADV ANCE
I N FO RMAT I O N
GENERAL DESCRIPTION
The Am29LV065M is a 64 Mbit, 3.0 volt single power
supply flash memory devices organized as 8,388,608
bytes. The device has an 8-bit wide data bus, and can
be programmed either in the host system or in stan-
dard EPROM programmers.
An access time of 90, 100, 110, or 120 ns is available.
Note that each device has a specific operating voltage
range (V
CC) and an I/O voltage range (VIO), as speci-
fied in the Product Selector Guide and the Ordering In-
formation sections. The device is offered in a 48-pin
TSOP or 63-ball FBGA package. Each device has
separate chip enable (CE#), write enable (WE#) and
output enable (OE#) controls.
Each device requires only a single 3.0 volt power
supply for both read and write functions. In addition to
a V
CC input, a high-voltage accelerated program
(ACC) input provides shorter programming times
through increased current. This feature is intended to
facilitate factory throughput during system production,
but may also be used in the field if desired.
The device is entirely command set compatible with
the JEDEC single-power-supply Flash standard.
Commands are written to the device using standard
microprocessor write timing. Write cycles also inter-
nally latch addresses and data needed for the pro-
gramming and erase operations.
The sector erase architecture allows memory sec-
tors to be erased and reprogrammed without affecting
the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through
command sequences. Once a program or erase oper-
ation has begun, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or
monitor the Ready/Busy# (RY/BY#) output to deter-
mine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces com-
mand sequence overhead by requiring only two write
cycles to program data instead of four.
The VersatileI/O™ (V
IO) control allows the host sys-
tem to set the voltage levels that the device generates
at its data outputs and the voltages tolerated at its
data inputs to the same voltage level that is asserted
on the V
IO pin. This allows the device to operate in a
1.8 V or 3 V system environment as required.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of sectors of memory.
This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows
the host system to pause an erase operation in a
given sector to read or program any other sector and
then complete the erase operation. The Program
Suspend/Program Resume feature enables the host
system to pause a program operation in a given sector
to read any other sector and then complete the pro-
gram operation.
The hardware RESET# pin terminates any operation
in progress and resets the device, after which it is then
ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the host system to
read boot-up firmware from the Flash memory device.
Th e de vice re du ces po wer con sump tio n in th e
standby mode when it detects specific voltage levels
on CE# and RESET#, or when addresses have been
stable for a specified period of time.
The SecSi
 (Secured Silicon) Sector provides a
256 byte area for code or data that can be perma-
nently protected. Once this sector is protected, no fur-
ther changes within the sector can occur.
AMD MirrorBit flash technology combines years of
Flash memory manufacturing experience to produce
the highest levels of quality, reliability and cost effec-
tiveness. The device electrically erases all bits within a
sector simultaneously via hot-hole assisted erase. The
data is programmed using hot electron injection.


Numéro de pièce similaire - AM29LV065MU101F

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV065MU101FI AMD-AM29LV065MU101FI Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

Description similaire - AM29LV065MU101F

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com