Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUCH16244DGGRE4 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce 74AUCH16244DGGRE4
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AUCH16244DGGRE4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button 74AUCH16244DGGRE4 Datasheet HTML 3Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 4Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 5Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 6Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 7Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 8Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 9Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 10Page - Texas Instruments 74AUCH16244DGGRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74AUCH16244
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES391E – MARCH 2002 – REVISED DECEMBER 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH – V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
0.8 V
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2 k
2 k
2 k
1 k
500
VCC
RL
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
V
CL
15 pF
15 pF
15 pF
30 pF
30 pF
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - 74AUCH16244DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AUC16374DGGRE4 TI-74AUC16374DGGRE4 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AUC16374DGGRG4 TI1-74AUC16374DGGRG4 Datasheet
477Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74AUC16374DGVRE4 TI-74AUC16374DGVRE4 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
More results

Description similaire - 74AUCH16244DGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com