Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63700 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63700
Description  DC-DC INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS63700 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS63700 Datasheet HTML 1Page - Texas Instruments TPS63700 Datasheet HTML 2Page - Texas Instruments TPS63700 Datasheet HTML 3Page - Texas Instruments TPS63700 Datasheet HTML 4Page - Texas Instruments TPS63700 Datasheet HTML 5Page - Texas Instruments TPS63700 Datasheet HTML 6Page - Texas Instruments TPS63700 Datasheet HTML 7Page - Texas Instruments TPS63700 Datasheet HTML 8Page - Texas Instruments TPS63700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
PIN ASSIGNMENTS
COMP
1
GND
2
VIN
3
EN
4
IN
5
SW
6
PS_GND
7
OUT
8
FB
9
VREF
10
PowerPAD
TPS63700
SLVS530 – SEPTEMBER 2005
DRC PACKAGE PowerPAD™
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
COMP
1
I/O
Compensation pin for control, connect a 4.7nF capacitor between this pin and GND
EN
4
I
Enable pin (EN=GND: disabled; EN=VIN: enabled)
FB
9
I
Feedback pin for the voltage divider
GND
2
Ground pin
IN
5
I
supply voltage for the power switch
OUT
8
I
Output voltage sense input
PS_GND
7
I
Connect to GND for control logic
SW
6
O
Inverter switch output
VIN
3
I
supply voltage for control logic, connect a RC filter of 10R and 100nF
VREF
10
O
Reference voltage output. Connect a 220-nF capacitor to ground. Connect the lower resistor of the negative
output voltage divider to this pin.
4


Numéro de pièce similaire - TPS63700

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
More results

Description similaire - TPS63700

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63700 TI-TPS63700_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS63700 DC-DC Inverter
logo
Analog Technologies, In...
AEL28V90VAC1 ANALOGTECHNOLOGIES-AEL28V90VAC1 Datasheet
321Kb / 5P
   DC-AC Inverter
6/13/2017
logo
Bel Fuse Inc.
700INV60-120-240-9G BEL-700INV60-120-240-9G Datasheet
1Mb / 9P
   DC/AC INVERTER
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com