Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS98200-IR Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS98200-IR
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-IR Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS98200-IR Datasheet HTML 4Page - Cirrus Logic CS98200-IR Datasheet HTML 5Page - Cirrus Logic CS98200-IR Datasheet HTML 6Page - Cirrus Logic CS98200-IR Datasheet HTML 7Page - Cirrus Logic CS98200-IR Datasheet HTML 8Page - Cirrus Logic CS98200-IR Datasheet HTML 9Page - Cirrus Logic CS98200-IR Datasheet HTML 10Page - Cirrus Logic CS98200-IR Datasheet HTML 11Page - Cirrus Logic CS98200-IR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
1.
CHARACTERISTICS AND SPECIFICATIONS
1.1
AC AND DC PARAMETRIC SPECIFICATIONS
(AGND, DGND=0 V, all voltages with respect to 0 V)
1.1.1
ABSOLUTE MAXIMUM RATING
CAUTION: Operating beyond these Minimum and Maximum limits can result in permanent dam-
age to the device. Cirrus Logic recommends that CS98200 devices operate at the settings described
in the next table.
1.1.2
RECOMMENDED OPERATING CONDITIONS
1.1.3
ELECTRICAL CHARACTERISTICS
Symbol
Description
Min
Max
Unit
VDDIO
Power Supply Voltage on analog core and I/O ring
-0,5
4.6
Volts
VDDCORE
Power Supply Voltage on core logic and PLL
-0.5
2.5
Volts
VI
Digital Input Applied Voltage (power applied)
-0.5
5.5
Volts
II
Digital Input Forced Current
-10
10
mA
IO
Digital Output Forced Current
-50
50
mA
TSOL
Lead Soldering Temperature
-
260
oC
TVSOL
Vapor Phase Soldering Temperature
-
235
oC
TSTOR
Storage Temperature (no power applied)
-40
125
oC
TAMB
Ambient Temperature (power applied)
0
70
oC
Ptotal
Total Power consumption
-
2.2
W
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage, Analog and IO
VIO & VAA
3.0
3.3
3.6
Volts
Supply Voltage, Core Logic and PLL
VPLL &VDD
1.62
1.8
1.98
Volts
Ambient Temperature (power applied)
TAMB
025
70
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current, IO
IDD
Normal Operating
65
mA
Supply Current, Core Logic and
PLL
IDD
Normal Operating
210
mA
Input Voltage, High
VIH
2.0
-
Volts
Input Voltage, Low
VIL
--
0.8
Volts
Input Current
IIN
VIN = VDD or VSS
-1
-
1
µA
Input Pull up/down resistor
RI
-75
-
K
Output Voltage, High
VOH
@ buffer rating
2.2
-
-
Volts
Output Voltage, Low
VOL
@ buffer rating
-
-
0.4
Volts
High-Z-state Leakage
IOZ
VOUT = VSS or VDD
-1
-
1
µA
Video DACs1
RSET = 174Ω
DAC Resolution
10
bits
DAC to DAC matching2
MAT
2
%
Output Voltage Range
Vout
RLOAD = 37.5Ω
3
1.28
Volts


Numéro de pièce similaire - CS98200-IR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
CS98000-CM CIRRUS-CS98000-CM Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
logo
List of Unclassifed Man...
CS9803 ETC2-CS9803 Datasheet
192Kb / 2P
   Infrared Induction Control IC
logo
Silvan Chip Electronics...
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
logo
List of Unclassifed Man...
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
   CS9803GP
More results

Description similaire - CS98200-IR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
   Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
logo
Nippon Precision Circui...
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
   Clock Generator for DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com