Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS98200-CV Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS98200-CV
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200-CV Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS98200-CV Datasheet HTML 7Page - Cirrus Logic CS98200-CV Datasheet HTML 8Page - Cirrus Logic CS98200-CV Datasheet HTML 9Page - Cirrus Logic CS98200-CV Datasheet HTML 10Page - Cirrus Logic CS98200-CV Datasheet HTML 11Page - Cirrus Logic CS98200-CV Datasheet HTML 12Page - Cirrus Logic CS98200-CV Datasheet HTML 13Page - Cirrus Logic CS98200-CV Datasheet HTML 14Page - Cirrus Logic CS98200-CV Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
11
CS98200
Next Generation DVD Processor
2.2
DC CHARACTERISTICS
(TA= 25° C; VPLL=VDD=1.8V±10%, VIO=VAA=3.3 V±10%)
2.2.1
ATAPI Interface
CS98200 can interface with a ATAPI-type slave loader gluelessly. Figure 2 illustrates a read ATAPI
transaction and a write ATAPI transaction.
Symbol
Description
Min
Typ
Max
Unit
tacyc1
1.Values are guaranteed by design only
Cycle Time
87
ns
taavr
Address Valid to HMRD-/HMWR- Setup
7
ns
tah
Address Hold from HMRD-/HMWR Setup
11
ns
tarww
H_RD/H_WR Pulse Width
63
ns
tarec
H_RD/H_WR Recovery Time
21
ns
tawsu
H_WR Data Setup
30
ns
tawh
H_WR Data Hold
8
ns
tardsu
H_RD Data Setup
20
ns
tarddh
H_RD Data hold
0
ns
tardts
H_RD Data High-Z-state
8
ns
tarsu
H_RDY Setup Time
14
ns
tarh1
H_RDY Hold Time
0
ns
Table 1. ATAPI Interface Characteristics
H_A[2:0] ,
H_CS[3:0]
H_D[15:0](WRITE)
H_D[15:0](READ)
H_RD/H_WR
tacyc
t aavr
t arww
t ah
tarec
tarsu
tawh
tawsu
tardsu
t arddh
tardts
t arh
H_RDY(deasserted
before tarsu)
H_RDY(asserted
before tarsu)
Figure 2. ATAPI Interface Timing Diagram


Numéro de pièce similaire - CS98200-CV

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
CS98000-CM CIRRUS-CS98000-CM Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
logo
List of Unclassifed Man...
CS9803 ETC2-CS9803 Datasheet
192Kb / 2P
   Infrared Induction Control IC
logo
Silvan Chip Electronics...
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
logo
List of Unclassifed Man...
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
   CS9803GP
More results

Description similaire - CS98200-CV

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
   DVD PROCESSOR FOR LOW COST DVD PLAYERS
CR3710 CIRRUS-CR3710 Datasheet
106Kb / 2P
   Integrated ATAPI DVD Drive Manager Fully Integrated Chip for Game Consoles and DVD Players/ROMs
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
logo
Nippon Precision Circui...
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
   Clock Generator for DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com