Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BL-HB4KB34B Fiches technique(PDF) 1 Page - Yellow Stone Corp

No de pièce BL-HB4KB34B
Description  SURFACE MOUNT DUAL COLOR LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-HB4KB34B Fiches technique(HTML) 1 Page - Yellow Stone Corp

  BL-HB4KB34B Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT DUAL COLOR LED LAMPS
Absolute Maximun Ratings
(Ta=25℃)
UNIT
SPEC.
IF
mA
30
IFp
mA
100
VR
V
5
Topr
-25~+80
Tstg
-30~+85
Chip
Electro-optical Data (At 20mA)
Vf (V)
Iv (mcd)
Part No.
Material
Emitted Color
λp
(nm)
λd
(nm)
Lens
Appearance
Typ.
Max.
Min.
Typ.
Viewing
Angle
2
1/2
(deg)
A1InGaN
Super Blue
470
470
3.5
4.0
42.0
70.0
BL-HB4KB34B
A1GaInP
Super Yellow
590
587
2.1
2.6
42.0
70.0
A1InGaN
Super Blue
470
470
3.5
4.0
42.0
70.0
BL-HB4JF34B
A1GaInP
Super Amber
610
605
2.0
2.6
42.0
70.0
A1GaInP
Super Amber
610
605
2.0
2.6
42.0
70.0
BL-HJFGE34B
A1GaInP
Super Yellow Green
570
570
2.0
2.6
28.0
45.0
GaAlAs/GaAs
Super Red
660
643
1.8
2.6
8.2
25.0
BL-HD1X134B
GaP/GaP
Hi-Eff Green
568
570
2.2
2.6
5.5
20.0
GaAsP/GaP
Hi-Eff Red
640
628
2.0
2.6
5.5
15.0
BL-HE1G034B
GaP/GaP
Yellow Green
568
571
2.2
2.6
3.7
12.0
GaAsP/
GaP
Hi-Eff Red
640
628
2.0
2.6
5.5
15.0
BL-HE1Y034B
GaAsP/GaP
Yellow
583
585
Water Clear
2.1
2.6
3.7
12.0
100˚
BL-Hxxxxx4B (1204) Series


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BL-HD1X133 SURFACE MOUNT DUAL COLOR LED LAMPS 1  Yellow Stone Corp
BL-HD1X133B SURFACE MOUNT DUAL COLOR LED LAMPS 1  2  Yellow Stone Corp
BL-HGEJE36H SURFACE MOUNT DUAL COLOR LED LAMPS 1  Yellow Stone Corp
AA3528 3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS 1  2  3  4  5  More Kingbright Corporation
BL-HD1G4B433T SURFACE MOUNT TRI COLOR LED LAMPS 1  Yellow Stone Corp
BL-HG6J3B433G SURFACE MOUNT TRI COLOR LED LAMPS 1  Yellow Stone Corp
QTLP680C-RY SURFACE MOUNT LED LAMP SUPER BRIGHT REFLECTOR DUAL COLOR 1  2  3  4  5  More Fairchild Semiconductor
BL-HJEGKBE36T SURFACE MOUNT TRI COLOR LED LAMPS 1  Yellow Stone Corp
KA-3020 3x2mm SINGLE COLOR SURFACE MOUNT LED LAMPS 1  2  3  4  5  More Kingbright Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn