Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TSM1N60 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSM1N60
Description  N-Channel Power Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM1N60 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM1N60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM1N60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TSM1N60
2-4
2003/12 rev. E
Electrical Characteristics
Tj = 25
oC, unless otherwise noted
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
600
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 0.6A
RDS(ON)
--
--
8.0
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
2.0
--
4.0
V
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
IDSS
--
--
10
uA
Gate Body Leakage
VGS = ± 20V, VDS = 0V
IGSS
--
--
± 100
nA
Forward Transconductance
VDS ≧50V, ID = 0.5A
gfs
--
10
--
S
Dynamic
Total Gate Charge
Qg
--
8.5
14
Gate-Source Charge
Qgs
--
1.8
--
Gate-Drain Charge
VDS = 400V, ID = 1.0A,
VGS = 10V
Qgd
--
4
--
nC
Turn-On Delay Time
td(on)
--
8
Turn-On Rise Time
tr
--
21
Turn-Off Delay Time
td(off)
--
18
Turn-Off Fall Time
VDD = 300V, RL = 18Ω,
ID = 1A, VGEN = 10V,
RG = 6Ω
tf
--
24
nS
Input Capacitance
Ciss
--
210
--
Output Capacitance
Coss
--
28
--
Reverse Transfer Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Crss
--
4.2
--
pF
Source-Drain Diode
Max. Diode Forward Current
IS
--
--
1.0
A
Diode Forward Voltage
IS = 1.0A, VGS = 0V
VSD
--
--
1.5
V
Note: 1. pulse test: pulse width <=300uS, duty cycle <=2%
2. Negligible, Dominated by circuit inductance.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRF230 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET 1  2  Seme LAB
ARF440 N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET 1  2  3  4  Advanced Power Technology
RF1K49086 3.5A 30V Avalanche Rated Dual N-Channel LittleFET™ Enhancement Mode Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
BFC11 4TH GENERATION MOSFET N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS 1  2  Seme LAB
SD1905 HF/VHF POWER MOSFET N-Channel Enhancement Mode 1  Advanced Semiconductor
AP9973M N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  List of Unclassifed Manufacturers
AF60N03 N-Channel Enhancement Mode Power MOSFET 1  2  3  4  5  Anachip Corp
AP01N60P N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.
AP04N70BP-A N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  5  More Advanced Power Electronics Corp.
AP20N03GP N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.