Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV800DT-90WBI Fiches technique(PDF) 4 Page - Advanced Micro Devices |
|
AM29LV800DT-90WBI Fiches technique(HTML) 4 Page - Advanced Micro Devices |
4 / 51 page 2Am29LV800D Am29LV800D_00_A4_E January 21, 2005 PR EL IM IN A R Y General Description The Am29LV800D is an 8 Mbit, 3.0 volt-only Flash memory organized as 1,048,576 bytes or 524,288 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. For more information, refer to publication number 21536. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device requires only a single, 3.0 volt VCC supply to perform read, program, and erase operations. A standard EPROM programmer can also be used to program and erase the device. This device is manufactured using AMD’s 0.23 µm process technology, and offers all the fea- tures and benefits of the Am29LV800B, which was manufactured using 0.32 µm process tech- nology. The standard device offers access times of 70, 90, and 120 ns, allowing high speed micropro- cessors to operate without wait states. To elim- inate bus contention the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls. The device requires only a single 3.0 volt power supply for both read and write func- tions. Internally generated and regulated volt- ages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard micropro- cessor write timings. Register contents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase opera- tions. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This initiates the Embedded Program algorithm—an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. The Unlock Bypass mode facilitates faster pro- gramming times by requiring only two write cycles to program data instead of four. Device erasure occurs by executing the erase co mm a n d s e que n ce. T h is i n it ia t e s t h e Embedded Erase algorithm—an internal algo- rithm that automatically preprograms the array (if it is not already programmed) before exe- cuting the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by observing the RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low VCC detector that automatically inhibits write operations during power transitions. The hardware sector protection feature disables both program and erase operations in any com- bination of the sectors of memory. This can be achieved in-system or via programming equip- ment. The Erase Suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The hardware RESET# pin terminates any operation in progress and resets the internal state machine to reading array data. The RESET# pin may be tied to the system reset cir- cuitry. A system reset would thus also reset the device, enabling the system microprocessor to read the boot-up firmware from the Flash memory. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the auto- matic sleep mode. The system can also place the device into the standby mode. Power con- sumption is greatly reduced in both these modes. AMD’s Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data is pro- grammed using hot electron injection. |
Numéro de pièce similaire - AM29LV800DT-90WBI |
|
Description similaire - AM29LV800DT-90WBI |