Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC114ACX Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSC114ACX
Description  NPN Digital Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC114ACX Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC114ACX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC114ACX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC114ACX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC114ACX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSC114A
1-4
2003/12 rev. A
TSC114A
NPN Digital Transistor
Vcc = 50V
Vin = - 10V ~ +40V
Io = 100mA(max.)
Features
Build-in bias resistor enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit)
The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the
input. The also have the advantage of almost
completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation,
making device design easy.
Complements the TSA114A
Ordering Information
Part No.
Packing
Package
TSC114ACX
SOT-23
TSC114ACU
Tape & Reel
SOT-323
Note:
x is the build-in resistor value type, option as
Code
R1 (KΩ)
R2 (KΩ)
Marking
C
10
10
8A
Equivalent Circuit
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Supply Voltage
Vcc
50
V
Input Voltage
Vin
- 10 ~ +40
V
DC
50
Output Current
Pulse
Io
100
mA
SOT-23
250
Power Dissipation
SOT-323
PD
200
mW
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: 1. Single pulse, Pw = 300uS, Duty <= 2%
2. When mounted on an FR-4 PCB
Pin assignment:
1. Input (Base)
2. Gnd (Emitter)
3. Output (Collector)


Numéro de pièce similaire - TSC114ACX

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
TSC1141 BOTHHAND-TSC1141 Datasheet
179Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1141M BOTHHAND-TSC1141M Datasheet
266Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
TSC1142 BOTHHAND-TSC1142 Datasheet
177Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
More results

Description similaire - TSC114ACX

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
EMH3 HTSEMI-EMH3 Datasheet
481Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
EMH4 HTSEMI-EMH4 Datasheet
447Kb / 1P
   digital transistor (NPN NPN)
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
UMG2N HTSEMI-UMG2N Datasheet
1,003Kb / 1P
   DIGITAL TRANSISTOR (NPN NPN)
UMH15N HTSEMI-UMH15N Datasheet
860Kb / 1P
   DIGITAL TRANSISTOR (NPNNPN)
logo
Unisonic Technologies
DTC114E UTC-DTC114E_15 Datasheet
199Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC123Y UTC-DTC123Y_15 Datasheet
160Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Weitron Technology
DTC114ECA WEITRON-DTC114ECA Datasheet
778Kb / 3P
   NPN DIGITAL TRANSISTOR
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
DTC143ZCA-SOT-23 JIANGSU-DTC143ZCA-SOT-23 Datasheet
48Kb / 1P
   DIGITAL TRANSISTOR(NPN)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com