Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9002KCX5 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9002KCX5
Description  300mA CMOS LDO with Enable & Power Good
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9002KCX5 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9002KCX5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9002KCX5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9002KCX5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9002KCX5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9002KCX5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9002 series
3-3
2004/09 rev. B
Electrical Characteristics (continued)
Power Good
1.5V
≤ Vo(NOM)
--
--
85
Output under voltage
Vo(NOM) < 1.5V
--
--
75
%
Vo(NOM)
2.5V
≤ Vo(NOM) ≤ 5.0V
115
--
--
Output over voltage
1.2V
≤ Vo(NOM) ≤ 2.5V
125
--
--
%
Vo(NOM)
PG leakage current
VPG = 7V
--
--
1
uA
PG voltage rating
Vo in regulation
--
--
7
V
Isink = 0.4mA
Vo >1.5V
--
--
0.4
PG voltage low
Isink = 0.1mA
Vo < 1.5V
--
--
0.1
V
Detail Description
Description
The TS9002 series of CMOS regulators contain a P-MOS pass transistor, voltage reference, error amplifier, over
current protection, thermal shutdown and power good function.
The TS9002 series switches from voltage mode to current mode when the load exceeds the rated output current. This
prevents over stress. The TS9002 also incorporates current fold-back to reduce power dissipation when the output is
short circuit. This feature becomes active when the output drops below 0.8V, and reduces the current flow by 65%.
Full current is restored when the voltage exceeds 0.8V.
The internal P-channel pass transistor receives data from the error amplifier, over current shutdown, short output
protection and thermal protection circuits. During normal operation, the error amplifier compares the output voltage to
a precision reference. Over current and thermal shutdown circuits become active when the junction temperature
exceeds 150
oC, or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120
oC.
Enable
The Chip Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shut off, and all
internal circuits are powered down. In this state, the quiescent current is less than 1uA. This pin behaves much like an
electronic switch.
External Capacitor
The TS9002series is stable with an output capacitor to ground of 2.2uF or greater. It can keep stable even with higher
or poor ESR capacitors.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should be
larger than 0.1uF to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “quiet” ground termination is desirable.
Power Good
The TS9002 includes the Power Good feature. When the output is not within = +/-15% of the specified voltage, it pulls
low. This can occur on other condition – input voltage too low, during over-temperature, during over-current and
output is pulled up.


Numéro de pièce similaire - TS9002KCX5

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9002IM8 SILABS-TS9002IM8 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002IM8T TOUCHSTONE-TS9002IM8T Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results

Description similaire - TS9002KCX5

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
   300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com