Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ11017 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MJ11017
Description  DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11017 Fiches technique(HTML) 3 Page - ON Semiconductor

  MJ11017 Datasheet HTML 1Page - ON Semiconductor MJ11017 Datasheet HTML 2Page - ON Semiconductor MJ11017 Datasheet HTML 3Page - ON Semiconductor MJ11017 Datasheet HTML 4Page - ON Semiconductor MJ11017 Datasheet HTML 5Page - ON Semiconductor MJ11017 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJ11017 MJ11021 MJ11018 MJ11022
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
R
θJC(t) = r(t) RθJC
R
θJC(t) = 0.86°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 3. Thermal Response
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.03 0.05
0.2
0.3 0.5
2.0
3.0 5.0
200 300
500
10
20
30
50
0.1
0.02
0.01
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
10
20
200
3.0
50
100
Figure 4. Maximum Rated Forward Bias Safe
Operating Area (FBSOA)
0.3
0.2
0
0.5
7.0
30
70
150
dc
0.1 ms
3.0
2.0
1.0
5.0
30
20
10
TJ = 175°C
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
0.5 ms
1.0 ms
5.0 ms
MJ11017, 18
MJ11021, 22
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 4 is based on TJ(pk) = 175_C, TC is
variable dependIng on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 175_C. TJ(pk) may be calculated from the data in Figure 3.
At high case temperatures thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
20
100
140
260
0
180
220
60
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
0
Figure 5. Maximum RBSOA, Reverse Bias Safe
Operating Area
10
30
L = 200
µH
IC/IB1 ≥ 50
TC = 25°C
VBE(off) 0 – 5.0 V
RBE = 47 Ω
DUTY CYLE = 10%
MJ11017, 18
MJ11021, 22
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be hold to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current conditions during re-
verse biased turn–off. This rating is verified under clamped
conditions so that the device is never subjected to an ava-
lanche mode. Figure 5 gives ROSOA characteristics.


Numéro de pièce similaire - MJ11017

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
   30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
Wing Shing Computer Com...
MJ11017 WINGS-MJ11017 Datasheet
21Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Inchange Semiconductor ...
MJ11017 ISC-MJ11017 Datasheet
54Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
More results

Description similaire - MJ11017

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com