Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL086-3KM Fiches technique(PDF) 6 Page - Mini-Circuits

No de pièce FL086-3KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-3KM Fiches technique(HTML) 6 Page - Mini-Circuits

  FL086-3KM Datasheet HTML 1Page - Mini-Circuits FL086-3KM Datasheet HTML 2Page - Mini-Circuits FL086-3KM Datasheet HTML 3Page - Mini-Circuits FL086-3KM Datasheet HTML 4Page - Mini-Circuits FL086-3KM Datasheet HTML 5Page - Mini-Circuits FL086-3KM Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV98
Operating Temperature
-55° to 105°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 105°C
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 105°C, 25 cycles
MIL-STD-202F: Method 107G
Multiple Bend Radius
40mm, 5 times for FL141 series cables
30 mm, 5 times for FL086 series cables
Single Bend Radius
10 mm for FL141 series cables
6 mm for FL086 series cables
This document and its contents are the property of Mini-Circuits.
Rev:
ENV98
OR
05/08/18
File:
M167750
ENV98.pdf
Page: 1


Numéro de pièce similaire - FL086-3KM

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
FL086-12-35M MINI-FL086-12-35M Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12-35M++ MINI-FL086-12-35M+ Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12KM MINI-FL086-12KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12KM++ MINI-FL086-12KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12NM MINI-FL086-12NM Datasheet
264Kb / 2P
   Coaxial Cable
More results

Description similaire - FL086-3KM

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com