Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL086-3KM Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce FL086-3KM
Description  Coaxial Cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FL086-3KM Fiches technique(HTML) 1 Page - Mini-Circuits

  FL086-3KM Datasheet HTML 1Page - Mini-Circuits FL086-3KM Datasheet HTML 2Page - Mini-Circuits FL086-3KM Datasheet HTML 3Page - Mini-Circuits FL086-3KM Datasheet HTML 4Page - Mini-Circuits FL086-3KM Datasheet HTML 5Page - Mini-Circuits FL086-3KM Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial Cable
FL086-XXKM+ Model Series
The Big Deal
Product Overview
The FL086 Series Flexible Coaxial Cables are ideal for interconnection of coaxial components or sub-systems.
The construction includes a silver-plated copper-clad steel center conductor. The outer shield is copper braid, tin
soaked, which minimizes signal leakage and at the same time flexible for easy bend. Dielectric is low loss PTFE.
Connectors have passivated stainless-steel coupling nut over a gold plated connector body with gold plated brass
center conductor. The FL086 Series Flexible cables are available in variety of length to meet your requirements.
Key Features
CASE STYLE: SE2929-XX
XX= cable length in inches
• Flexible
• Tight Bend Radius, 6mm
• Excellent Return Loss and Insertion Loss
• Ideal for interconnect of assembled systems
50Ω
DC to 40 GHz
Feature
Advantages
Flexible RF Cables
The FL086 Series Flexible cables are ideal for use integrating coaxial components and sub-
assemblies without the need for special cable-bending tools and alleviating the risk of damage
during the bending process typical of semi-rigid coaxial cable assemblies.
Tight Bend Radius: 6mm
Capable of only 6mm bend radius, the FL086 Flexible series is able to make connections in tight
spaces making these cables ideal for dense system integration
Excellent Return loss
• 31 dB typ. up to 18 GHz
• 28 dB typ. up to 40 GHz
The FL086 Series Flexible Cables are ideally suited for interconnecting a wide variety of RF
components while minimizing VSWR ripple contribution due to mating cables & connectors.
Good Power Handling Capability:
• 198W at 0.5 GHz
• 13W at 40 GHz
Mini-Circuits FL086 Cable series can support medium to high RF power levels enabling these
cables to be used in the transmit path. NOTE: power rating is at sea-level altitudes.
Flexible


Numéro de pièce similaire - FL086-3KM

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
FL086-12-35M MINI-FL086-12-35M Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12-35M++ MINI-FL086-12-35M+ Datasheet
662Kb / 6P
   Coaxial Cable
FL086-12KM MINI-FL086-12KM Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12KM++ MINI-FL086-12KM+ Datasheet
697Kb / 6P
   Coaxial Cable
FL086-12NM MINI-FL086-12NM Datasheet
264Kb / 2P
   Coaxial Cable
More results

Description similaire - FL086-3KM

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
   Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
   Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
   Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
   Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
   Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
   Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
   Coaxial Cable
086-11SM MINI-086-11SM Datasheet
547Kb / 3P
   Coaxial Cable
086-14SBSM MINI-086-14SBSM Datasheet
443Kb / 2P
   Coaxial Cable
086-18KM MINI-086-18KM Datasheet
304Kb / 2P
   Coaxial Cable
141-5SMRSM MINI-141-5SMRSM Datasheet
542Kb / 3P
   Coaxial Cable
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com