Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLE75602-ESH Fiches technique(PDF) 25 Page - Infineon Technologies AG

No de pièce TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Fiches technique(HTML) 25 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 25Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 26Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 27Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 28Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
Datasheet
25
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Power Supply
See Table 6 for a detailed overview of supply voltage conditions required to switch ON channels 2 and 3 during
Limp Home. All other channels are OFF.
A transmission of SPI commands during transition from Active to Limp Home mode or Limp Home to Active
mode may result in undefined SPI responses.
6.1.6
Definition of Power Supply modes transition times
The channel turn-ON time is as defined by parameter tON when TLE75602-ESH is in Active mode or in Limp
Home mode. In all other cases, it is necessary to add the transition time required to reach one of the two
aforementioned Power Supply modes (as shown in Figure 14).
Figure 14 Transition Time diagram
6.2
Reset condition
One of the following 3 conditions resets the SPI registers to the default value:
• VDD is not present or below the undervoltage threshold VDD(UV)
• IDLE pin is set to “low”
• a reset command (HWCR.RST set to “1”) is executed
– ERRn bits are not cleared by a reset command (for functional safety)
– UVRVS and LOPVDD bits are cleared by a reset command
In particular, all channels are switched OFF (if there are no input pin set to “high”) and the Input Mapping
configuration is reset.
6.2.1
Undervoltage on VS
Between VS(UV) and VS(OP) the undervoltage mechanism is triggered. If the device is operative and the supply
voltage drops below the undervoltage threshold VS(UV), the logic set the bit UVRVS to “1”. As soon as the supply
OpModesTimings.emf
Sleep
Idle
tSLEEP2IDLE
Active
Limp Home
init
tIDLE2SLEEP
tACTIVE2IDLE
tIDLE2ACTIVE
tON
tACTIVE2LH
tLH2ACTIVE
tLH2SLEEP
tSLEEP2LH
tON
Channel ON
tACTIVE2SLEEP


Numéro de pièce similaire - TLE75602-ESH

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

Description similaire - TLE75602-ESH

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com