Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTT6200-1ENA Fiches technique(PDF) 6 Page - Infineon Technologies AG

No de pièce BTT6200-1ENA
Description  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA Fiches technique(HTML) 6 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 2Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 3Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 4Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 5Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 6Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 7Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 8Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 9Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Data Sheet
6
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 3
Absolute Maximum Ratings1)
TJ = -40°C to 150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Supply Voltages
Supply voltage
VS
-0.3
48
V
P_4.1.1
Reverse polarity voltage
-VS(REV)
0–
28
V
t < 2 min
TA = 25°C
RL ≥ 47 Ω
ZGND= Diode+27 Ω
P_4.1.2
Supply voltage for short
circuit protection
VBAT(SC)
0
36
V
RSupply= 10 mΩ
LSupply= 5 µH
RECU= 20 mΩ
RCable= 16 mΩ/m
LCable= 1 µH/m,
l = 0 or 5 m
See Chapter 6 and
Figure 28
P_4.1.3
Supply voltage for Load
dump protection
VS(LD)
65
V
2) RI = 2 Ω
RL = 47 Ω
P_4.1.12
Short Circuit Capability
Permanent short circuit
IN pin toggles
nRSC1
100
k cycles 3) –P_4.1.4
Input Pins
Voltage at INPUT pin
VIN
-0.3
–6
7
V–
t < 2 min
P_4.1.13
Current through INPUT pin IIN
-2
2
mA
P_4.1.14
Voltage at DEN pin
VDEN
-0.3
–6
7
V–
t < 2 min
P_4.1.15
Current through DEN pin
IDEN
-2
2
mA
P_4.1.16
Sense Pin
Voltage at IS pin
VIS
-0.3
VS
V
P_4.1.19
Current through IS pin
IIS
-25
50
mA
P_4.1.20
Power Stage
Load current
| IL|–
IL(LIM)
A
P_4.1.21
Power dissipation (DC)
PTOT
––1.8
W
TA = 85°C
TJ < 150°C
P_4.1.22


Numéro de pièce similaire - BTT6200-1ENA

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

Description similaire - BTT6200-1ENA

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com