Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCD21E1E684M Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce TCD21E1E684M
Description  The TCD series are radial lead ceramic capacitors from UCC/NCC.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TCD21E1E684M Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  TCD21E1E684M Datasheet HTML 1Page - List of Unclassifed Manufacturers TCD21E1E684M Datasheet HTML 2Page - List of Unclassifed Manufacturers TCD21E1E684M Datasheet HTML 3Page - List of Unclassifed Manufacturers TCD21E1E684M Datasheet HTML 4Page - List of Unclassifed Manufacturers TCD21E1E684M Datasheet HTML 5Page - List of Unclassifed Manufacturers TCD21E1E684M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TCD Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
21
50 Volts
Rated
Voltage
(WVDC)
Capacitance
(µF )
Catalog
Part Number †
UCC
Case Code*
Maximum
Ripple Current
(A rms) at
125 C, 10kHz-1MHz
Standard Voltage Ratings - Radial Lead Multilayer Ceramic
33
TCD60E1H336M
60
3.0
47
TCD61E1H476M
61
4.0
68
TCD61E1H686M
61
4.0
0.1
TCD21E2A104M
21
0.22
0.15
TCD21E2A154M
21
0.3
0.22
TCD21E2A224M
21
0.3
0.33
TCD30E2A334M
30
0.73
0.47
TCD30E2A474M
30
0.8
0.68
TCD31E2A684M
31
1.0
1.0
TCD31E2A105M
31
1.0
1.5
TCD31E2A155M
31
1.0
2.2
TCD41E2A225M
41
1.5
3.3
TCD41E2A335M
41
1.5
4.7
TCD51E2A475M
51
2.0
6.8
TCD51E2A685M
51
2.0
10
TCD60E2A106M
60
3.0
15
TCD60E2A156M
60
3.0
22
TCD61E2A226M
61
4.0
33
TCD61E2A336M
61
4.0
100 Volts
0.1
TCD30E2E104M
30
0.55
0.15
TCD30E2E154M
30
0.8
0.22
TCD31E2E224M
31
1.0
0.33
TCD31E2E334M
31
1.0
0.47
TCD41E2E474M
41
1.5
0.68
TCD41E2E684M
41
1.5
1.0
TCD51E2E105M
51
2.0
1.5
TCD51E2E155M
51
2.0
2.2
TCD60E2E225M
60
3.0
3.3
TCD60E2E335M
60
3.0
4.7
TCD61E2E475M
61
4.0
6.8
TCD61E2E685M
61
4.0
250 Volts
M indicates
20% tolerance. Substitute code letter Z in part number for
20%,
80% tolerance.
* Refer to diagram of dimensions for actual case sizes.
Ammo Pack Taping Specifications
Unit: mm
Radial Lead Multilayer Ceramics
Available for Case Codes 21, 30, 31 and 41
Conforms to JIS-C-0805
Ammo Pack
*Specified quantity may vary for rating of capacitor.
UCC Case Code
21
30
31
41
Dimensions and Quantity Per Box
H 0
0.5
P
1.0
P0
0.3
P1
0.7
P0/2 1.3
F
1.0
W
0.5, 1.0
W/2
0.5
M
1.0
M 0 1.5
Ø
D
0.2
Ø
d
0.05
t
0.2
∆h 2
2,000
2,000
2,000
1,500
Pieces
Per Box *
H max. Straight Lead
H max. Crimped Lead
23
25
16.0
12.7
12.7
3.85
6.35
5.0
18.0
9.0
13.0
1.5
4.0
0.5
0.6
0
24
26
16.0
12.7
12.7
3.85
6.35
5.0
18.0
9.0
13.0
1.5
4.0
0.5
0.6
0
26
28
16.0
12.7
12.7
3.85
6.35
5.0
18.0
9.0
13.0
1.5
4.0
0.5
0.6
0
29
30
16.0
12.7
12.7
3.85
6.35
5.0
18.0
9.0
13.0
1.5
4.0
0.5
0.6
0
M
M0
P0
P1
P
P0 /2
W/2
W
Ø
d
Ø
D
H (crimped)
F
H0
H (straight)
t
h


Numéro de pièce similaire - TCD21E1E684M

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
logo
Zowie Technology Corpor...
TCD20AH ZOWIE-TCD20AH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TCD20CAH ZOWIE-TCD20CAH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Toshiba Semiconductor
TCD2252D TOSHIBA-TCD2252D Datasheet
511Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2253D TOSHIBA-TCD2253D Datasheet
552Kb / 13P
   CCD LINEAR IMAGE SENSOR
More results

Description similaire - TCD21E1E684M

FabricantNo de pièceFiches techniqueDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPEF51H224Z2M1A03A MURATA-RPEF51H224Z2M1A03A Datasheet
365Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com