Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC79L15ACD Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC79L15ACD
Description  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L15ACD Fiches technique(HTML) 4 Page - ON Semiconductor

  MC79L15ACD Datasheet HTML 1Page - ON Semiconductor MC79L15ACD Datasheet HTML 2Page - ON Semiconductor MC79L15ACD Datasheet HTML 3Page - ON Semiconductor MC79L15ACD Datasheet HTML 4Page - ON Semiconductor MC79L15ACD Datasheet HTML 5Page - ON Semiconductor MC79L15ACD Datasheet HTML 6Page - ON Semiconductor MC79L15ACD Datasheet HTML 7Page - ON Semiconductor MC79L15ACD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC79L00, MC79L00A Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VI = –33 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, 0°C < TJ < +125°C, unless otherwise noted).
MC79L24C
MC79L24AC
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
–22.1
–24
–25.9
–23
–24
–25
Vdc
Input Regulation
(TJ = +25°C)
–27 Vdc
≥ VI ≥ –38 Vdc
–27.5 Vdc
≥ VI ≥ –38 Vdc
–28 Vdc
≥ VI ≥ –38 Vdc
Regline
350
300
350
300
mV
Load Regulation
TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA
1.0 mA
≤ IO ≤ 40 mA
Regload
200
100
200
100
mV
Output Voltage
–27 Vdc
≥ VI ≥ –38 V, 1.0 mA ≤ IO ≤ 40 mA
–28 Vdc
≥ VI ≥ –38 Vdc, 1.0 mA ≤ IO ≤ 40 mA
VI = –33 Vdc, 1.0 mA ≤ IO ≤ 70 mA
VO
–21.4
–21.4
–26.4
–26.4
–22.8
–22.8
–25.2
–25.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
6.5
6.0
6.5
6.0
mA
Input Bias Current Change
–28 Vdc
≥ VI ≥ –38 Vdc
1.0 mA
≤ IO ≤ 40 mA
∆IIB
1.5
0.2
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
200
200
µV
Ripple Rejection
(–29
≤ VI ≤ –35 Vdc, f = 120 Hz, TJ = +25°C)
RR
30
43
31
47
dB
Dropout Voltage
IO = 40 mA, TJ = +25°C
|VI–VO|
1.7
1.7
Vdc
APPLICATIONS INFORMATION
Design Considerations
The MC79L00, A Series of fixed voltage regulators are
designed with Thermal Overload Protections that shuts
down the circuit when subjected to an excessive power
overload condition, Internal Short Circuit Protection that
limits the maximum current the circuit will pass.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire length, or if the output load capacitance is large. An
input bypass capacitor should be selected to provide good
high–frequency characteristics to insure stable operation
under all load conditions. A 0.33
µF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulator’s input terminals. Normally good
construction techniques should be used to minimize ground
loops and lead resistance drops since the regulator has no
external
sense lead. Bypassing the output is also
recommended.
Figure 1. Positive and Negative Regulator
Figure 2. Standard Application
+Vin
+VO
0.1µF
-Vin
-VO
0.33µF
MC78LXX
MC79LXX
0.1µF
0.33µF
Input
Output
CO**
0.1µF
CI*
0.33µF
MC79LXX
A common ground is required between the input and the output
voltages. The input voltage must remain typically 2.0 V above
the output voltage even during the low point on the ripple voltage.
* CI is required if regulator is located an appreciable
* distance from the power supply filter
** CO improves stability and transient response.


Numéro de pièce similaire - MC79L15ACD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC79L15ACD MOTOROLA-MC79L15ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Texas Instruments
MC79L15ACD TI-MC79L15ACD Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L15ACD FAIRCHILD-MC79L15ACD Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L15ACD ONSEMI-MC79L15ACD Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Description similaire - MC79L15ACD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com