Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC79L18AC Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC79L18AC
Description  100 mA Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L18AC Fiches technique(HTML) 7 Page - ON Semiconductor

  MC79L18AC Datasheet HTML 1Page - ON Semiconductor MC79L18AC Datasheet HTML 2Page - ON Semiconductor MC79L18AC Datasheet HTML 3Page - ON Semiconductor MC79L18AC Datasheet HTML 4Page - ON Semiconductor MC79L18AC Datasheet HTML 5Page - ON Semiconductor MC79L18AC Datasheet HTML 6Page - ON Semiconductor MC79L18AC Datasheet HTML 7Page - ON Semiconductor MC79L18AC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC79L00, MC79L00A Series
http://onsemi.com
7
PACKAGE DIMENSIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751–07
ISSUE W
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
–X–
–Y–
G
M
Y
M
0.25 (0.010)
–Z–
Y
M
0.25 (0.010)
Z
S
X S
M
____


Numéro de pièce similaire - MC79L18AC

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC79L18ACD MOTOROLA-MC79L18ACD Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
MC79L18ACP MOTOROLA-MC79L18ACP Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L18ACP FAIRCHILD-MC79L18ACP Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
ON Semiconductor
MC79L18ACP ONSEMI-MC79L18ACP Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

Description similaire - MC79L18AC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79L00A ONSEMI-MC79L00A Datasheet
127Kb / 10P
   100 mA Negative Voltage Regulators
October, 2016 ??Rev. 10
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com