Moteur de recherche de fiches techniques de composants électroniques |
|
MC78T15C Fiches technique(PDF) 7 Page - ON Semiconductor |
|
MC78T15C Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC78T00 Series 7 MOTOROLA ANALOG IC DEVICE DATA Vout = 5.0 V Vin = 7.5 V Iout = 1.0 A CO = 0 TJ = 25°C Vin – Vout = 10 V Iout = 100 mA Figure 3. Temperature Stability Figure 4. Output Impedance 1.02 1.0 .98 –90 –50 –10 30 70 110 150 190 TJ, JUNCTION TEMPERATURE (°C) 100 10–1 10–2 10–3 10–4 1.0 10 100 1.0 k 10 k 100 k 1.0 M 10 M 100 M f, FREQUENCY (Hz) Figure 5. Ripple Rejection versus Frequency Vout = 5.0 V Vin = 10 V CO = 0 TJ = 25°C 100 80 60 40 20 1.0 10 100 1.0 k 10 k 100 k 1.0 M 10 M 100 M f, FREQUENCY (Hz) Figure 6. Ripple Rejection versus Output Current Figure 7. Quiescent Current versus Input Voltage Figure 8. Quiescent Current versus Output Current Iout, OUTPUT CURRENT (A) 100 80 60 40 30 0.01 0.1 1.0 10 Vin, INPUT VOLTAGE (Vdc) 4.0 3.0 2.0 1.0 0 0 1020 3040 TJ = 125°C TJ = 25°C TJ = 0°C TJ = 0°C Iout, OUTPUT CURRENT (A) 4.0 3.0 2.0 1.0 0 5.0 0.01 0.1 1.0 10 Vout = 5.0 V Vin = 10 V CO = 0 f = 120 Hz TJ = 25°C Iout = 50 mA Iout = 1.5 A TJ = 125°C TJ = 25°C TJ = 0°C TJ = 25°C TJ = 125°C Vin–Vout = 5.0 V |
Numéro de pièce similaire - MC78T15C |
|
Description similaire - MC78T15C |