Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF530 Fiches technique(PDF) 3 Page - Harris Corporation

No de pièce IRF530
Description  N-Channel Power MOSFETs Avalanche Energy Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HARRIS [Harris Corporation]
Site Internet  http://www.harris.com
Logo HARRIS - Harris Corporation

IRF530 Fiches technique(HTML) 3 Page - Harris Corporation

  IRF530 Datasheet HTML 1Page - Harris Corporation IRF530 Datasheet HTML 2Page - Harris Corporation IRF530 Datasheet HTML 3Page - Harris Corporation IRF530 Datasheet HTML 4Page - Harris Corporation IRF530 Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Numéro de pièce similaire - IRF530

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
IRF530 MOTOROLA-IRF530 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
STMicroelectronics
IRF530 STMICROELECTRONICS-IRF530 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Transys Electronics
IRF530 TRSYS-IRF530 Datasheet
481Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
More results

Description similaire - IRF530

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
IRF440R NJSEMI-IRF440R Datasheet
703Kb / 2P
   Avalanche Energy Rated N-Channel Power MOSFETs
logo
List of Unclassifed Man...
IRF150R ETC2-IRF150R Datasheet
208Kb / 5P
   AVALANCHE ENERGY RATED N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF254 NJSEMI-IRF254 Datasheet
182Kb / 2P
   Avalanche-Energy-Rated N-Channel Power MOSFETs
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
   Avalanche-Energy-Rated N-Channel Power MOSFETs
IRF240R NJSEMI-IRF240R Datasheet
168Kb / 2P
   Avalanche Energy Rated N-Channel Power MOSFETs
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
IRFP9240R NJSEMI-IRFP9240R Datasheet
178Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
logo
Micross Components
FFH50US60S MICROSS-FFH50US60S Datasheet
711Kb / 3P
   Avalanche Energy Rated
FFH75H60S MICROSS-FFH75H60S Datasheet
700Kb / 3P
   Avalanche Energy Rated
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com