Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1680FCT Fiches technique(PDF) 1 Page - Formosa MS

No de pièce SB1680FCT
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FORMOSA [Formosa MS]
Site Internet  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB1680FCT Fiches technique(HTML) 1 Page - Formosa MS

  SB1680FCT Datasheet HTML 1Page - Formosa MS SB1680FCT Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-
S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
SB1620FCT~SB16100FCT
ISOLATION SCHOTTKY BARRIER RECTIFIERS
ITO-220AB
Unit : inch (mm)
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
Positive CT
AC
AC
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
VOLTAGE
20 to 100 Volts
16 Amperes
CURRENT
MECHANICALDATA
Case: ITO-220AB molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Mounting Position: Any
Weight: 0.08 ounces, 2.24 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
T
C
F
0
2
6
1
B
ST
C
F
0
3
6
1
B
ST
C
F
0
4
6
1
B
ST
C
F
0
5
6
1
B
ST
C
F
0
6
6
1
B
ST
C
F
0
8
6
1
B
ST
C
F
0
0
1
6
1
B
S
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
VRRM
0
20
30
40
50
60
80
0
1V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
M
VRMS
4
11
28
25
32
46
50
7V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
VDC
0
20
30
40
50
60
80
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
lc
0
9
=
OC
IAV
6
1A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
IFSM
0
5
1A
g
e
l
r
e
p
A
0
.
8
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
5
5
.
05
7
.
05
8
.
0V
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
= OC
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
MTA
0
0
1
=
OC
IR
5
.
0
0
0
1
A
m
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
Te
R
θ C
J0
.
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ T
, STG
5
2
1
+
O
T
0
5
-
OC
Formosa MS


Numéro de pièce similaire - SB1680FCT

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SB1680FCT WTE-SB1680FCT Datasheet
41Kb / 3P
   16A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB1680FCT WTE-SB1680FCT Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1680FCT PANJIT-SB1680FCT Datasheet
432Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB1680FCT PACELEADER-SB1680FCT Datasheet
163Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Description similaire - SB1680FCT

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
SB1620F TRSYS-SB1620F Datasheet
148Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB620FCT PANJIT-SB620FCT_04 Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB2520FCT PANJIT-SB2520FCT_04 Datasheet
45Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_09 Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_16 Datasheet
288Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_12 Datasheet
291Kb / 4P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB620F PANJIT-SB620F_04 Datasheet
46Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB820FCT PANJIT-SB820FCT_05 Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
MBR1640FCT PANJIT-MBR1640FCT Datasheet
93Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1020FCT PANJIT-SB1020FCT_09 Datasheet
91Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_09 Datasheet
85Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com