Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC4052 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce 74VHC4052
Description  Analog Multiplexers/Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC4052 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button 74VHC4052 Datasheet HTML 3Page - ON Semiconductor 74VHC4052 Datasheet HTML 4Page - ON Semiconductor 74VHC4052 Datasheet HTML 5Page - ON Semiconductor 74VHC4052 Datasheet HTML 6Page - ON Semiconductor 74VHC4052 Datasheet HTML 7Page - ON Semiconductor 74VHC4052 Datasheet HTML 8Page - ON Semiconductor 74VHC4052 Datasheet HTML 9Page - ON Semiconductor 74VHC4052 Datasheet HTML 10Page - ON Semiconductor 74VHC4052 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC74VHC4051, MC74VHC4052, MC74VHC4053
http://onsemi.com
7
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
VCC
VEE
Limit*
Symbol
Parameter
Condition
VCC
V
VEE
V
25
°C
Unit
BW
Maximum On–Channel Bandwidth
Mi i
F
R
fin = 1MHz Sine Wave; Adjust fin Voltage to
Obt i 0dB
t V
I
f
‘51
‘52
‘53
MHz
or Minimum Frequency Response
(Figure 6)
Obtain 0dBm at VOS; Increase fin
Frequency Until dB Meter Reads –3dB;
RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
80
80
80
95
95
95
120
120
120
Off–Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to
Obtain 0dBm at VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–40
–40
–40
Feedthrough Noise.
Channel–Select Input to Common
I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 6ns);
Adjust RL at Setup so that IS = 0A;
Enable = GND
RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
25
105
135
mVPP
RL = 10kΩ, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
35
145
190
Crosstalk Between Any Two
Switches (Figure 12)
(Test does not apply to VHC4051)
fin = Sine Wave; Adjust fin Voltage to
Obtain 0dBm at VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
2.25
4.50
6.00
–2.25
–4.50
–6.00
–60
–60
–60
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kΩ, CL = 50pF
THD = THDmeasured – THDsource
VIS = 4.0VPP sine wave
VIS = 8.0VPP sine wave
VIS = 11.0VPP sine wave
2.25
4.50
6.00
–2.25
–4.50
–6.00
0.10
0.08
0.05
%
*Limits not tested. Determined by design and verified by qualification.
Figure 1a. Typical On Resistance, VCC – VEE = 2.0 V
Figure 1b. Typical On Resistance, VCC – VEE = 3.0 V
250
200
150
100
50
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
2.25
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
100
80
60
40
20
0
0.25 0.5 0.75 1.0 1.25 1.5 1.75
2.25
VIS, INPUT VOLTAGE (VOLTS), REFERENCED TO VEE
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
2.0
0
300
180
160
140
120
0
2.5 2.75 3.0


Numéro de pièce similaire - 74VHC4052

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC4052 FAIRCHILD-74VHC4052 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4052 FAIRCHILD-74VHC4052 Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Toshiba Semiconductor
74VHC4052AFT TOSHIBA-74VHC4052AFT Datasheet
327Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-04-26 Rev.6.0
logo
Fairchild Semiconductor
74VHC4052M FAIRCHILD-74VHC4052M Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
74VHC4052M FAIRCHILD-74VHC4052M Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results

Description similaire - 74VHC4052

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com