Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGL36030 Fiches technique(PDF) 3 Page - Schneider Electric

No de pièce BGL36030
Description  PowerPact B Circuit Breaker, 30A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL36030 Fiches technique(HTML) 3 Page - Schneider Electric

  BGL36030 Datasheet HTML 1Page - Schneider Electric BGL36030 Datasheet HTML 2Page - Schneider Electric BGL36030 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


Numéro de pièce similaire - BGL36030

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGL36030LU SCHNEIDER-BGL36030LU Datasheet
116Kb / 3P
   Circuit breaker, PowerPact B, 30A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

Description similaire - BGL36030

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGP36030 SCHNEIDER-BGP36030 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 30A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM36030 SCHNEIDER-BGM36030 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 30A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL46030 SCHNEIDER-BGL46030 Datasheet
123Kb / 3P
   PowerPact B Circuit Breaker, 30A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM46030 SCHNEIDER-BGM46030 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 30A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP46030 SCHNEIDER-BGP46030 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 30A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26030 SCHNEIDER-BGM26030 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 30A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL26030 SCHNEIDER-BGL26030 Datasheet
111Kb / 3P
   PowerPact B Circuit Breaker, 30A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP26030 SCHNEIDER-BGP26030 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 30A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36025 SCHNEIDER-BGL36025 Datasheet
121Kb / 3P
   PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36035 SCHNEIDER-BGL36035 Datasheet
127Kb / 3P
   PowerPact B Circuit Breaker, 35A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com