Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGL36020 Fiches technique(PDF) 3 Page - Schneider Electric

No de pièce BGL36020
Description  PowerPact B Circuit Breaker, 20A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL36020 Fiches technique(HTML) 3 Page - Schneider Electric

  BGL36020 Datasheet HTML 1Page - Schneider Electric BGL36020 Datasheet HTML 2Page - Schneider Electric BGL36020 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
3


Numéro de pièce similaire - BGL36020

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGL36020LU SCHNEIDER-BGL36020LU Datasheet
116Kb / 3P
   Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

Description similaire - BGL36020

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGP36020 SCHNEIDER-BGP36020 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 20A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM36020 SCHNEIDER-BGM36020 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 20A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM46020 SCHNEIDER-BGM46020 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 20A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26020 SCHNEIDER-BGM26020 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 20A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL26020 SCHNEIDER-BGL26020 Datasheet
120Kb / 3P
   PowerPact B Circuit Breaker, 20A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP26020 SCHNEIDER-BGP26020 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 20A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP46020 SCHNEIDER-BGP46020 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 20A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL46020 SCHNEIDER-BGL46020 Datasheet
123Kb / 3P
   PowerPact B Circuit Breaker, 20A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36025 SCHNEIDER-BGL36025 Datasheet
121Kb / 3P
   PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL36035 SCHNEIDER-BGL36035 Datasheet
127Kb / 3P
   PowerPact B Circuit Breaker, 35A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com