Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGL26040 Fiches technique(PDF) 1 Page - Schneider Electric

No de pièce BGL26040
Description  PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL26040 Fiches technique(HTML) 1 Page - Schneider Electric

  BGL26040 Datasheet HTML 1Page - Schneider Electric BGL26040 Datasheet HTML 2Page - Schneider Electric BGL26040 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGL26040
PowerPact B Circuit Breaker, 40A, 2P,
600Y/347V AC, 18kA at 600Y/347 UL EverLink
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,142.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 040
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
40 A
Number of Poles
2P
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480/277 V AC 50/60 Hz UL 489
35 kA 480 V AC 50/60 Hz UL 489
18 kA 250 V DC UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
18 kA 500...525 V AC 50/60 Hz IEC 60947-2
35 kA 380...415 V AC 50/60 Hz IEC 60947-2
35 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
20000 cycles IEC 947-1 Annex K ed 5.2
Jun 22, 2020
1


Numéro de pièce similaire - BGL26040

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGL26040LU SCHNEIDER-BGL26040LU Datasheet
103Kb / 3P
   Circuit breaker, PowerPact B, 40A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

Description similaire - BGL26040

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGP26040 SCHNEIDER-BGP26040 Datasheet
104Kb / 3P
   PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26040 SCHNEIDER-BGM26040 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM46040 SCHNEIDER-BGM46040 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP46040 SCHNEIDER-BGP46040 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGL46040 SCHNEIDER-BGL46040 Datasheet
123Kb / 3P
   PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM36040 SCHNEIDER-BGM36040 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 40A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGP36040 SCHNEIDER-BGP36040 Datasheet
116Kb / 3P
   PowerPact B Circuit Breaker, 40A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26035 SCHNEIDER-BGM26035 Datasheet
92Kb / 3P
   PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26045 SCHNEIDER-BGM26045 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 45A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
BGM26060 SCHNEIDER-BGM26060 Datasheet
93Kb / 3P
   PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com