Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BGL16060 Fiches technique(PDF) 3 Page - Schneider Electric

No de pièce BGL16060
Description  Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL16060 Fiches technique(HTML) 3 Page - Schneider Electric

  BGL16060 Datasheet HTML 1Page - Schneider Electric BGL16060 Datasheet HTML 2Page - Schneider Electric BGL16060 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
PVC free
Yes
Halogen content performance
Halogen free product
3


Numéro de pièce similaire - BGL16060

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGL16015 SCHNEIDER-BGL16015 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 15A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16020 SCHNEIDER-BGL16020 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 20A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16025 SCHNEIDER-BGL16025 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 25A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16030 SCHNEIDER-BGL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16035 SCHNEIDER-BGL16035 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 35A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
More results

Description similaire - BGL16060

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
BGL16020 SCHNEIDER-BGL16020 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 20A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16050 SCHNEIDER-BGL16050 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 50A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16090 SCHNEIDER-BGL16090 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 90A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16030 SCHNEIDER-BGL16030 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 30A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BJL16060 SCHNEIDER-BJL16060 Datasheet
96Kb / 3P
   Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 25kA at 600Y/347 UL, EverLink lugs both ends
BDL16060 SCHNEIDER-BDL16060 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 60A, 1 pole, 600Y/347V AC, 14kA at 600Y/347 UL, EverLink lugs both ends
BGL16100 SCHNEIDER-BGL16100 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 100A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16040 SCHNEIDER-BGL16040 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 40A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16045 SCHNEIDER-BGL16045 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 45A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
BGL16015 SCHNEIDER-BGL16015 Datasheet
92Kb / 3P
   Circuit breaker, PowerPact B, 15A, 1 pole, 600Y/347V AC, 18kA at 600Y/347 UL, EverLink lugs both ends
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com